Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AK7782 Datasheet (PDF) - Asahi Kasei Microsystems

AK7782 Datasheet PDF - Asahi Kasei Microsystems
No. de pieza AK7782
Descarga  AK7782 Descarga

Tamaño del archivo   390.91 Kbytes
Page   28 Pages
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Descripción Electrónicos Dual Audio DSP with 24bit 5ch ADC & SRC

AK7782 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AK7782 Datasheet PDF - Asahi Kasei Microsystems

No. de pieza AK7782
Descarga  AK7782 Click to download

Tamaño del archivo   390.91 Kbytes
Page   28 Pages
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Descripción Electrónicos Dual Audio DSP with 24bit 5ch ADC & SRC

AK7782 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK7782 Datasheet HTML 1Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 2Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 3Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7782 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK7782 Detalles de producto

GENERAL DESCRIPTION

The AK7782 is an audio digital signal processor with integrated 24bit 5ch ADCs, an 8:2 stereo input selector and sample rate converters that support 2ch inputs and the frequency up to 96kHz. The ADC supports wide range of sampling frequency from 7.35kHz to 96kHz. Two integrated audio DSPs have high performance processing speed of 2560step/fs (at 48kHz sampling), and two 6k-word delay RAMs allow surround processing, time alignment adjusting and FIR filtering. As the AK7782 is a RAM based DSP, it is programmable for various user requirements. It is housed in a 100pin LQFP package.



FEATURES

[DSP1/DSP2]

□ Word Length: 28-bits

□ Instruction Cycle Time: 8.1ns (2560fs, fs=48kHz)

□ Processing Step: 2560 steps (max) /fs= 48kHz, 44.1kHz (Normal Speed)

   15360 steps (max) /fs= 8kHz, 7.35kHz

   1280 steps (max) fs= 96kHz, 88.2kHz (Double Speed)

□ Multiplier: 24 x 16 → 40-bits (double precision available)

□ Divider: 24 ÷ 24 → 24-bits (floating point normalization function)

□ ALU: 44-bit arithmetic operation (with 4-bit overflow margin)

   24-bit arithmetic and logic operation

□ Data Shift: Right shift after multiplication 1, 2, 4, 5, 8, 14, 15-bits

   Right shift BUS 1, 2, 3, 4, 8, 14, 15-bits

   Left shift after multiplication 1, 2, 3, 4, 8, 15-bits

   Left shift BUS 1, 2, 3, 4, 6, 8, 15-bits

   Indirect shifting function

□ Program RAM (PRAM): 2048word x 36-bits

□ Coefficient RAM (CRAM): 2048word x 16-bits

□ Data RAM (DRAM): 2048word x 28-bits

□ Offset Register (OFREG): 64word x 13-bits

□ Delay RAM (DLRAM): 168kbit (four types)

   ● 6kword 28-bits

   ● 4kword 28-bits + 4kword 14-bits

   ● 3kword 28-bits + 6kword 14-bits

   ● 3kword 28-bits + 3kword 28-bits (Linear)

□ Register: 44-bits x 4 (ACC) [for ALU]

   28-bits x 12 (TMP) [DBUS connection]

   28-bits x 6 steps stack (PTMP) [DBUS connection]



 




Número de pieza similar - AK7782

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AK7780VQ AKM-AK7780VQ Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
More results


Descripción similar - AK7782

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7738VQ AKM-AK7738VQ Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7738 AKM-AK7738 Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK4616VQ AKM-AK4616VQ Datasheet
814Kb / 46P
   24bit 3ch/5ch Audio CODEC with Mic Amplifier
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com