Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HYM64V8005GU-50 Datasheet (PDF) - Siemens Semiconductor Group

HYM64V8005GU-50 Datasheet PDF - Siemens Semiconductor Group
No. de pieza HYM64V8005GU-50
Descarga  HYM64V8005GU-50 Descarga

Tamaño del archivo   90.85 Kbytes
Page   17 Pages
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Descripción Electrónicos 3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module

HYM64V8005GU-50 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HYM64V8005GU-50 Datasheet PDF - Siemens Semiconductor Group

No. de pieza HYM64V8005GU-50
Descarga  HYM64V8005GU-50 Click to download

Tamaño del archivo   90.85 Kbytes
Page   17 Pages
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Descripción Electrónicos 3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module

HYM64V8005GU-50 Datasheet (HTML) - Siemens Semiconductor Group

Back Button HYM64V8005GU-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYM64V8005GU-50 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

HYM64V8005GU-50 Detalles de producto

The HYM64(72)V2005/45GU-50/-60 are industry standard 168-pin 8-byte Dual In-Line Memory Modules (DIMMs) which are organized as 8M x 64 and 8M x 72 high speed memory arrays designed with EDO DRAMs for non-parity and ECC applications. 4k refresh with 12 / 11 addressing and 8k refresh modules with 13 / 10 addressing are available.The DIMMs use eight 8M x 8 EDO DRAMs for the 8M x 64 organisation and nine 8M x 8 DRAMs for the 8M x 72 organisation, both in TSOPII packages. Decoupling capacitors are mounted on the PC board.

168pin unbuffered DIMM Module with serial presence detect

• 168 Pin JEDEC Standard, Unbuffered 8 Byte Dual In-Line Memory Module for PC main memory applications
• 1 bank 8M x 64, 8M x 72 in 4k and 8k refresh organisation
• Optimized for byte-write non-parity or ECC applications
• Extended Data Out (EDO)
• Performance:
• Single +3.3 V ± 0.3 V Power Supply
• CAS-before-RAS refresh, RAS-only-refresh
• Decoupling capacitors mounted on substrate
• All inputs, outputs and clocks are fully LV-TTL compatible
• Serial presence detects (optional)
• Utilizes 8M × 8 -DRAMs in TSOPII packages
• 4096 refresh cycles / 64 ms with 12 / 11 addressing (Row / Column) for HYM64/72V8005GU
• 8192 refresh cycles / 128 ms with 13 / 10 addressing (Row / Column) for HYM64/72V8045GU
• Gold contact pad
• Card Size: 133,35mm x 25,40 mm x 4,00 mm
• This DRAM product module family is intended to be fully pin and architecture compatible with the 168pin unbuffered SDRAM DIMM module family




Número de pieza similar - HYM64V8005GU-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1005GU-50 SIEMENS-HYM64V1005GU-50 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1005GU-60 SIEMENS-HYM64V1005GU-60 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM64V1605GU-60 SIEMENS-HYM64V1605GU-60 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
More results


Descripción similar - HYM64V8005GU-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
HYM72V8025GS-50- SIEMENS-HYM72V8025GS-50- Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM328025S SIEMENS-HYM328025S Datasheet
56Kb / 11P
   8M x 32-Bit EDO-DRAM Module
HYM368035S SIEMENS-HYM368035S Datasheet
557Kb / 10P
   8M x 36-Bit EDO-DRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
HYM72V2005GS-50- SIEMENS-HYM72V2005GS-50- Datasheet
66Kb / 11P
   2M x 72-Bit EDO-DRAM Module
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com