Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7818ACD2T Datasheet (PDF) - Motorola, Inc

MC7818ACD2T Datasheet PDF - Motorola, Inc
No. de pieza MC7818ACD2T
Descarga  MC7818ACD2T Descarga

Tamaño del archivo   278.25 Kbytes
Page   16 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS

MC7818ACD2T Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC7818ACD2T Datasheet PDF - Motorola, Inc

No. de pieza MC7818ACD2T
Descarga  MC7818ACD2T Click to download

Tamaño del archivo   278.25 Kbytes
Page   16 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS

MC7818ACD2T Datasheet (HTML) - Motorola, Inc

Back Button MC7818ACD2T Datasheet HTML 1Page - Motorola, Inc MC7818ACD2T Datasheet HTML 2Page - Motorola, Inc MC7818ACD2T Datasheet HTML 3Page - Motorola, Inc MC7818ACD2T Datasheet HTML 4Page - Motorola, Inc MC7818ACD2T Datasheet HTML 5Page - Motorola, Inc MC7818ACD2T Datasheet HTML 6Page - Motorola, Inc MC7818ACD2T Datasheet HTML 7Page - Motorola, Inc MC7818ACD2T Datasheet HTML 8Page - Motorola, Inc MC7818ACD2T Datasheet HTML 9Page - Motorola, Inc MC7818ACD2T Datasheet HTML 10Page - Motorola, Inc Next Button 

MC7818ACD2T Detalles de producto

Three-Terminal Positive Voltage Regulators

These voltage regulators are monolithic integrated circuits designed as fixed–voltage regulators for a wide variety of applications including local, on–card regulation. These regulators employ internal current limiting, thermal shutdown, and safe–area compensation. With adequate heatsinking they can deliver output currents in excess of 1.0 A. Although designed primarily as a fixed voltage regulator, these devices can be used with external components to obtain adjustable voltages and currents.

• Output Current in Excess of 1.0 A
• No External Components Required
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe–Area Compensation
• Output Voltage Offered in 2% and 4% Tolerance
• Available in Surface Mount D2PAK and Standard 3–Lead Transistor Packages
• Previous Commercial Temperature Range has been Extended to a Junction Temperature Range of –40°C to +125°C




Número de pieza similar - MC7818ACD2T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC7818ACT ONSEMI-MC7818ACT Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
Fairchild Semiconductor
MC7818ACT FAIRCHILD-MC7818ACT Datasheet
225Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
MC7818ACT FAIRCHILD-MC7818ACT Datasheet
226Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
ON Semiconductor
MC7818ACT ONSEMI-MC7818ACT Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC7818ACT ONSEMI-MC7818ACT Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
More results


Descripción similar - MC7818ACD2T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results




Acerca de Motorola, Inc


Motorola, Inc. era una compañía de telecomunicaciones multinacional estadounidense que fue fundada en 1928. Tenía su sede en Schaumburg, Illinois y fue uno de los mayores proveedores de teléfonos móviles, equipos de telecomunicaciones y semiconductores. A lo largo de su historia, Motorola fue conocida por su innovación en el campo de las telecomunicaciones, incluido el desarrollo del primer teléfono celular disponible comercialmente, el Dynatac y el primer buscapersonas de dos vías del mundo, el Pageboy.

En 2011, Motorola se dividió en dos compañías separadas: Motorola Mobility y Motorola Solutions. Google luego adquirió la movilidad de Motorola en Google en 2012, y ahora es una subsidiaria de Lenovo. Motorola Solutions se centra en la seguridad pública y las soluciones de comunicación comercial e industrial. La compañía proporciona una amplia gama de productos que incluyen radios bidireccionales, dispositivos de computación móvil y equipos de infraestructura de red.

Motorola fue uno de los pioneros de la industria de los teléfonos móviles y tiene una rica historia de innovación y avances tecnológicos. El legado de la compañía continúa a través de sus subsidiarias y sus tecnología y productos continúan utilizándose en todo el mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com