Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMC240 Datasheet (PDF) - Hittite Microwave Corporation

HMC240 Datasheet PDF - Hittite Microwave Corporation
No. de pieza HMC240_10
Descarga  HMC240 Descarga

Tamaño del archivo   152.67 Kbytes
Page   6 Pages
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Descripción Electrónicos GaAs MMIC SPDT SWITCH DC - 4 GHz

HMC240 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HMC240 Datasheet PDF - Hittite Microwave Corporation

No. de pieza HMC240_10
Descarga  HMC240 Click to download

Tamaño del archivo   152.67 Kbytes
Page   6 Pages
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Descripción Electrónicos GaAs MMIC SPDT SWITCH DC - 4 GHz

HMC240 Datasheet (HTML) - Hittite Microwave Corporation

HMC240_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC240_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC240_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC240_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC240_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC240_10 Datasheet HTML 6Page - Hittite Microwave Corporation



Número de pieza similar - HMC240_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 4 GHz
logo
Micross Components
HMC240A MICROSS-HMC240A Datasheet
878Kb / 9P
   Telecom Infrastructure
More results


Descripción similar - HMC240_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 4 GHz
logo
Stanford Microdevices
SSW-108 STANFORD-SSW-108 Datasheet
83Kb / 2P
   DC-4 GHz High Isolation GaAs MMIC SPDT Switch
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
   DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
SSW-408 STANFORD-SSW-408 Datasheet
104Kb / 2P
   DC-4 GHz High Power GaAs MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC239S8 HITTITE-HMC239S8 Datasheet
175Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
More results




Acerca de Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com