Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX16501DT Datasheet (PDF) - Motorola, Inc

MC74LCX16501DT Datasheet PDF - Motorola, Inc
No. de pieza MC74LCX16501DT
Descarga  MC74LCX16501DT Descarga

Tamaño del archivo   159.75 Kbytes
Page   10 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos LOW-VOLTAGE CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER

MC74LCX16501DT Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC74LCX16501DT Datasheet PDF - Motorola, Inc

No. de pieza MC74LCX16501DT
Descarga  MC74LCX16501DT Click to download

Tamaño del archivo   159.75 Kbytes
Page   10 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos LOW-VOLTAGE CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER

MC74LCX16501DT Datasheet (HTML) - Motorola, Inc

MC74LCX16501DT Datasheet HTML 1Page - Motorola, Inc MC74LCX16501DT Datasheet HTML 2Page - Motorola, Inc MC74LCX16501DT Datasheet HTML 3Page - Motorola, Inc MC74LCX16501DT Datasheet HTML 4Page - Motorola, Inc MC74LCX16501DT Datasheet HTML 5Page - Motorola, Inc MC74LCX16501DT Datasheet HTML 6Page - Motorola, Inc MC74LCX16501DT Datasheet HTML 7Page - Motorola, Inc MC74LCX16501DT Datasheet HTML 8Page - Motorola, Inc MC74LCX16501DT Datasheet HTML 9Page - Motorola, Inc MC74LCX16501DT Datasheet HTML 10Page - Motorola, Inc

MC74LCX16501DT Detalles de producto

Low–Voltage CMOS 18–Bit Universal Bus Transceiver
With 5V-Tolerant Inputs and Outputs (3-State, Non-Inverting)

The MC74LCX16501 is a high performance, non–inverting 18–bit universal bus transceiver operating from a 2.7 to 3.6V supply. This part is not byte controlled; it is “18–bit” controlled. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5V allows MC74LCX16501 inputs to be safely driven from 5V devices. The MC74LCX16501 is suitable for memory address driving and all TTL level bus oriented transceiver applications.

• Designed for 2.7 to 3.6V VCC Operation
• 6ns tpd Maximum
• 5V Tolerant — Interface Capability With 5V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0V
• LVTTL Compatible
• LVCMOS Compatible
• 24mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (20µA)
   Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500mA
• ESD Performance: Human Body Model >2000V; Machine
   Model >200V




Número de pieza similar - MC74LCX16501DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74LCX16500 MOTOROLA-MC74LCX16500 Datasheet
161Kb / 10P
   LOW-VOLTAGE CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER
MC74LCX16500DT MOTOROLA-MC74LCX16500DT Datasheet
161Kb / 10P
   LOW-VOLTAGE CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER
More results


Descripción similar - MC74LCX16501DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74LCX16500 MOTOROLA-MC74LCX16500 Datasheet
161Kb / 10P
   LOW-VOLTAGE CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16612 FAIRCHILD-GTLP16612 Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
logo
Integrated Device Techn...
IDT74GTLP16612 IDT-IDT74GTLP16612 Datasheet
74Kb / 8P
   CMOS 18-BIT TTL/GTLP UNIVERSAL BUS TRANSCEIVER
logo
ON Semiconductor
74LCX16501 ONSEMI-74LCX16501 Datasheet
188Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised March 2001
74LCX16500 ONSEMI-74LCX16500 Datasheet
210Kb / 12P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised June 2002
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
More results




Acerca de Motorola, Inc


Motorola, Inc. era una compañía de telecomunicaciones multinacional estadounidense que fue fundada en 1928. Tenía su sede en Schaumburg, Illinois y fue uno de los mayores proveedores de teléfonos móviles, equipos de telecomunicaciones y semiconductores. A lo largo de su historia, Motorola fue conocida por su innovación en el campo de las telecomunicaciones, incluido el desarrollo del primer teléfono celular disponible comercialmente, el Dynatac y el primer buscapersonas de dos vías del mundo, el Pageboy.

En 2011, Motorola se dividió en dos compañías separadas: Motorola Mobility y Motorola Solutions. Google luego adquirió la movilidad de Motorola en Google en 2012, y ahora es una subsidiaria de Lenovo. Motorola Solutions se centra en la seguridad pública y las soluciones de comunicación comercial e industrial. La compañía proporciona una amplia gama de productos que incluyen radios bidireccionales, dispositivos de computación móvil y equipos de infraestructura de red.

Motorola fue uno de los pioneros de la industria de los teléfonos móviles y tiene una rica historia de innovación y avances tecnológicos. El legado de la compañía continúa a través de sus subsidiarias y sus tecnología y productos continúan utilizándose en todo el mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com