Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KIC3211TSN26A Datasheet (PDF) - KEC(Korea Electronics)

KIC3211TSN26A Datasheet PDF - KEC(Korea Electronics)
No. de pieza KIC3211TSN26A
Descarga  KIC3211TSN26A Descarga

Tamaño del archivo   356.48 Kbytes
Page   10 Pages
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Descripción Electrónicos Analog CMOS Integrated Circuits

KIC3211TSN26A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
KIC3211TSN26A Datasheet PDF - KEC(Korea Electronics)

No. de pieza KIC3211TSN26A
Descarga  KIC3211TSN26A Click to download

Tamaño del archivo   356.48 Kbytes
Page   10 Pages
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Descripción Electrónicos Analog CMOS Integrated Circuits

KIC3211TSN26A Datasheet (HTML) - KEC(Korea Electronics)

KIC3211TSN26A Datasheet HTML 1Page - KEC(Korea Electronics) KIC3211TSN26A Datasheet HTML 2Page - KEC(Korea Electronics) KIC3211TSN26A Datasheet HTML 3Page - KEC(Korea Electronics) KIC3211TSN26A Datasheet HTML 4Page - KEC(Korea Electronics) KIC3211TSN26A Datasheet HTML 5Page - KEC(Korea Electronics) KIC3211TSN26A Datasheet HTML 6Page - KEC(Korea Electronics) KIC3211TSN26A Datasheet HTML 7Page - KEC(Korea Electronics) KIC3211TSN26A Datasheet HTML 8Page - KEC(Korea Electronics) KIC3211TSN26A Datasheet HTML 9Page - KEC(Korea Electronics) KIC3211TSN26A Datasheet HTML 10Page - KEC(Korea Electronics)

KIC3211TSN26A Detalles de producto

LOW Noise150mA CMOS High Performance LDO Regulator



The KIC3211Series Low Dropout Linear Regulator is ideally suited for portable applications. It offers 1% initial accuracy, extremely-low dropout voltage(220mV at 150mA, 3.0V Output Type) and low ground current (typically 75uA). Designed specifically for handheld and battery-powered devices, the KIC3211series provides a TTL-logic-compatible ON/OFF control pin. When disabled, power consumption drops nearly to zero.

The KIC3211Series also works with low-ESR ceramic capacitors, reducing the amount of board space necessary for power applications, critical in handheld wireless devices.

The Line transient response and load transient response of the KIC3211Series are very excellent, thus ICs are very suitable for the power supply for hand-held communication equipment.



Features

· Input voltage range------------1.7V to 6.0V

· High output accuracy------------1.0% accuracy

· Low dropout------------ 220mV@150mA 3.0V, Output type

· Stability with ceramic output capacitors

· High Ripple Rejection------------Typ. 70dB(f=1kHz3.0V Output type)

                                           Typ. 60dB(f=10kHz3.0V Output type)

· Low ground Current------------ Typ.75μA

· Quiescent Current------------ Typ. 0.1μA

· Excellent Line regulation------------ Typ. 0.02%/V

· Built-in Fold Back Protection Circuit------------Typ. 50mA@Short mode

· Stability with ceramic output capacitors------------Cin=Cout=1.0㎌

· TTL-Logic-compatible ON/OFF control input



Applications

· Cellular phones,Smart Phones, PDA

· Battery-powered equipment

· Laptop, notebook and palmtop computers

· Consumer/personal electronics



 




Número de pieza similar - KIC3211TSN26A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN12A KEC-KIC3211SN12A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN13A KEC-KIC3211SN13A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN14A KEC-KIC3211SN14A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN15A KEC-KIC3211SN15A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
More results


Descripción similar - KIC3211TSN26A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC3211 KEC-KIC3211_11 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com