Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPS-9330VW-CXXCYYG Datasheet (PDF) - Optoway Technology Inc

SPS-9330VW-CXXCYYG Datasheet PDF - Optoway Technology Inc
No. de pieza SPS-9330VW-CXXCYYG
Descarga  SPS-9330VW-CXXCYYG Descarga

Tamaño del archivo   120.71 Kbytes
Page   5 Pages
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Descripción Electrónicos CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter

SPS-9330VW-CXXCYYG Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SPS-9330VW-CXXCYYG Datasheet PDF - Optoway Technology Inc

No. de pieza SPS-9330VW-CXXCYYG
Descarga  SPS-9330VW-CXXCYYG Click to download

Tamaño del archivo   120.71 Kbytes
Page   5 Pages
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Descripción Electrónicos CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter

SPS-9330VW-CXXCYYG Datasheet (HTML) - Optoway Technology Inc

SPS-9330VW-CXXCYYG Datasheet HTML 1Page - Optoway Technology Inc SPS-9330VW-CXXCYYG Datasheet HTML 2Page - Optoway Technology Inc SPS-9330VW-CXXCYYG Datasheet HTML 3Page - Optoway Technology Inc SPS-9330VW-CXXCYYG Datasheet HTML 4Page - Optoway Technology Inc SPS-9330VW-CXXCYYG Datasheet HTML 5Page - Optoway Technology Inc

SPS-9330VW-CXXCYYG Detalles de producto

DESCRIPTION
The SPS-9330VW-CXXCYYG is a dual channel optical single mode transmitter module designed to transmit optical serial digital signals as defined in SMPTE 297-2006. It supports from 50 Mbps to 3 Gbps and is specifically designed for transmitted the SMPTE 259M, SMPTE 344M, SMPTE 292M and SMPTE 424M SDI pathological patterns. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I2C. It is with two independent CWDM DFB laser transmitters. There are eighteen center wavelengths available from 1270 nm to 1610 nm, with each step 20 nm.

FEATURES
● SMPTE 297-2006 Compatible
● Speed from 50 Mbps to 3 Gbps
● Support Video Pathological Patterns for SD-SDI, HD-SDI and 3G-SDI
● Dual CWDM Transmitter: 1270 nm to 1610 nm
● Based on Industry Standard SFP
● SFF-8472 Digital Diagnostic Function
● Two Independent TTL Laser Disable Input
● Single +3.3 V Power Supply
● RoHS-6 Compliant
● 0 to 70oC Operation
● Hot Pluggable
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● SMPTE 297-2006 Compliant Electrical-to-Optical Interfaces
● High-density Video Routers




Número de pieza similar - SPS-9330VW-CXXCYYG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
SPS-9330VW-CXXCYYG OPTOWAY-SPS-9330VW-CXXCYYG_15 Datasheet
115Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9330VW-CXXCYYG_2015 OPTOWAY-SPS-9330VW-CXXCYYG_2015 Datasheet
115Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
More results


Descripción similar - SPS-9330VW-CXXCYYG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
SPS-9350VW-CXXCYYG OPTOWAY-SPS-9350VW-CXXCYYG Datasheet
120Kb / 5P
   CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9380VW-CXXCYYG OPTOWAY-SPS-9380VW-CXXCYYG Datasheet
120Kb / 5P
   CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9310VW-CXXCYYG OPTOWAY-SPS-9310VW-CXXCYYG Datasheet
120Kb / 5P
   CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9380VW-CXXCYYG OPTOWAY-SPS-9380VW-CXXCYYG_15 Datasheet
120Kb / 5P
   3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9380VW-CXXCYYG_2015 OPTOWAY-SPS-9380VW-CXXCYYG_2015 Datasheet
120Kb / 5P
   3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9130VW-1T1RG OPTOWAY-SPS-9130VW-1T1RG Datasheet
151Kb / 6P
   1310 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-93120VW-1TG OPTOWAY-SPS-93120VW-1TG Datasheet
143Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9110VW-1TG OPTOWAY-SPS-9110VW-1TG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9350VW-1T1RG OPTOWAY-SPS-9350VW-1T1RG Datasheet
151Kb / 6P
   1550 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-9350VW-1TG OPTOWAY-SPS-9350VW-1TG Datasheet
142Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com