Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX6SWT-A1-0000-000F51 Datasheet (PDF) - Cree, Inc

MX6SWT-A1-0000-000F51 Datasheet PDF - Cree, Inc
No. de pieza MX6SWT-A1-0000-000F51
Descarga  MX6SWT-A1-0000-000F51 Descarga

Tamaño del archivo   999.5 Kbytes
Page   10 Pages
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc
Descripción Electrónicos Cree XLamp MX-6S LEDs

MX6SWT-A1-0000-000F51 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MX6SWT-A1-0000-000F51 Datasheet PDF - Cree, Inc

No. de pieza MX6SWT-A1-0000-000F51
Descarga  MX6SWT-A1-0000-000F51 Click to download

Tamaño del archivo   999.5 Kbytes
Page   10 Pages
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc
Descripción Electrónicos Cree XLamp MX-6S LEDs

MX6SWT-A1-0000-000F51 Datasheet (HTML) - Cree, Inc

MX6SWT-A1-0000-000F51 Datasheet HTML 1Page - Cree, Inc MX6SWT-A1-0000-000F51 Datasheet HTML 2Page - Cree, Inc MX6SWT-A1-0000-000F51 Datasheet HTML 3Page - Cree, Inc MX6SWT-A1-0000-000F51 Datasheet HTML 4Page - Cree, Inc MX6SWT-A1-0000-000F51 Datasheet HTML 5Page - Cree, Inc MX6SWT-A1-0000-000F51 Datasheet HTML 6Page - Cree, Inc MX6SWT-A1-0000-000F51 Datasheet HTML 7Page - Cree, Inc MX6SWT-A1-0000-000F51 Datasheet HTML 8Page - Cree, Inc MX6SWT-A1-0000-000F51 Datasheet HTML 9Page - Cree, Inc MX6SWT-A1-0000-000F51 Datasheet HTML 10Page - Cree, Inc

MX6SWT-A1-0000-000F51 Detalles de producto

PRODUCT DESCRIPTION
The Cree XLamp® MX-6s LeD provides the proven lighting-class performance and reliability of Cree XLamp LeDs in a high‑voltage, PLCC configuration. All members of the MX family of LeDs have wide viewing angle, uniform light output without secondary optics, unlimited floor life, and electrically neutral thermal path.
The XLamp MX-6s LeD brings high performance and quality of light to a range of lighting applications that require near‑line‑voltage configuration, including LED light bulbs, fluorescent retrofits and retail‑display lighting.

FEATURES
• Available in white (2600 K to 8300 K CCT)
• Wide viewing angle: 120°
• 20 VDC nominal with voltage binning available
• Electrically neutral thermal path
• Qualification at maximum drive current
• RoHS and REACh compliant
• UL® recognized component (E349212)




Número de pieza similar - MX6SWT-A1-0000-000F51

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
MX6SWT-A1-0000-000F51 CREE-MX6SWT-A1-0000-000F51 Datasheet
1,017Kb / 24P
   XLamp MX Family LEDs
MX6SWT-A1-0000-000F51 CREE-MX6SWT-A1-0000-000F51 Datasheet
1Mb / 12P
   XLamp MX-6S LEDs
More results


Descripción similar - MX6SWT-A1-0000-000F51

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
MX-6S CREE-MX-6S Datasheet
1Mb / 12P
   XLamp MX-6S LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
MX-6 CREE-MX-6 Datasheet
1Mb / 12P
   XLamp MX-6 LEDs
MX3AWT-A1-0000-000ADZ CREE-MX3AWT-A1-0000-000ADZ Datasheet
1,017Kb / 24P
   XLamp MX Family LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
More results




Acerca de Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com