Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
Molex Electronics Ltd. |
0673450000
|
261Kb / 4P |
0.80mm (.031") Pitch SODIMM Socket, Right Angle, SMT, Reverse Mount, 5.20mm(.205") Mounted Height, 144 Circuits, 3.3V Power Supply, Soft Tray Packaging
|
0481915000
|
385Kb / 4P |
0.80mm (.031") Pitch Edge Card Connector, Vertical, SMT, 70 Circuits, 0.38關m (15關") Gold (Au) Plating, with Pegs, Lead Free
|
0481912000
|
385Kb / 4P |
0.80mm (.031") Pitch Edge Card Connector, Vertical, SMT, 80 Circuits, 0.38關m (15關") Gold (Au) Plating, with Pegs, Lead Free
|
0546987000
|
264Kb / 4P |
0.80mm (.031") Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205")Mounted Height, 144 Circuits, 3.3V Power Supply, Lead-free
|
0744410007
|
482Kb / 9P |
0.80mm (.031") Pitch XFP Host Connector, Z-Axis Pluggable, Right Angle, SMT, 30Circuits, 0.38關m (15關") Gold (Au)
|
0744410017
|
482Kb / 9P |
0.80mm (.031") Pitch XFP Host Connector, Z-Axis Pluggable, Right Angle, SMT, 30Circuits, 0.76關m (30關") Gold (Au
|
0757830123
|
1Mb / 14P |
0.80mm (.031") Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application36 Circuit, 0.76關m (30關") Gold (Au), SMT Shell, Right Key
|
0755860009
|
352Kb / 5P |
0.80mm (.031") Pitch, iPass??I/O SMT Receptacle, Right Angle, External Application, 26 Circuit, 0.76關m (30關") Gold (Au)
|
0483300002
|
162Kb / 4P |
1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle,Reverse SMT with Clip, 0.38關m (15關") Gold (Au) Plating, Mounted Height: 6.85mm (.270")
|
0755860011
|
182Kb / 3P |
0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, External Application, 38 Circuit, 0.76關m (30關) Gold (Au)
|