Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT102TDI-G Datasheet (PDF) - ON Semiconductor

CAT102TDI-G Datasheet PDF - ON Semiconductor
No. de pieza CAT102TDI-G
Descarga  CAT102TDI-G Descarga

Tamaño del archivo   147.13 Kbytes
Page   8 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Precision, Adjustable Shunt Regulator (600 mV Reference)

CAT102TDI-G Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CAT102TDI-G Datasheet PDF - ON Semiconductor

No. de pieza CAT102TDI-G
Descarga  CAT102TDI-G Click to download

Tamaño del archivo   147.13 Kbytes
Page   8 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Precision, Adjustable Shunt Regulator (600 mV Reference)

CAT102TDI-G Datasheet (HTML) - ON Semiconductor

CAT102TDI-G Datasheet HTML 1Page - ON Semiconductor CAT102TDI-G Datasheet HTML 2Page - ON Semiconductor CAT102TDI-G Datasheet HTML 3Page - ON Semiconductor CAT102TDI-G Datasheet HTML 4Page - ON Semiconductor CAT102TDI-G Datasheet HTML 5Page - ON Semiconductor CAT102TDI-G Datasheet HTML 6Page - ON Semiconductor CAT102TDI-G Datasheet HTML 7Page - ON Semiconductor CAT102TDI-G Datasheet HTML 8Page - ON Semiconductor

CAT102TDI-G Detalles de producto

DESCRIPTION
The CAT102 is a low-voltage reference and amplifier. Designed for the control loop of low-voltage power supplies, the reference voltage has been designed for 600 mV. Over a temperature from -40°C to 85°C, the reference voltage is within 8 mV of the nominal 600mV. In addition, the error amplifier output and the supply voltage pin (IN) are on separate pins.

FEATURES
■ 600 mV low voltage reference
■ ±6 mV initial accuracy
■ High PSRR: 45 dB at 300 kHz
■ Better line regulation: 1 mV (VIN from 2.2 V to 18 V)
■ Low supply current: 90 µA
■ Open drain output
■ Directly drives optocouplers
■ Industrial temperature range of -40ºC to 85ºC
■ RoHS-compliant 5-lead TSOT23 package

APPLICATION
■ SMPS control loop
■ Low temperature coefficient voltage reference
■ Power management
■ Replaces zener diodes
■ Isolated DC-to-DC converters
■ Network, telecom and cellular base station
■ Adjustable voltage reference




Número de pieza similar - CAT102TDI-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT102TDI-G CATALYST-CAT102TDI-G Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
More results


Descripción similar - CAT102TDI-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102 Datasheet
81Kb / 9P
   Precision, Adjustable Shunt Regulator (600mV Reference)
CAT102 CATALYST-CAT102_07 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
More results




Acerca de ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com