Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA08-600CW3G Datasheet (PDF) - ON Semiconductor

BTA08-600CW3G Datasheet PDF - ON Semiconductor
No. de pieza BTA08-600CW3G
Descarga  BTA08-600CW3G Descarga

Tamaño del archivo   137.21 Kbytes
Page   6 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Triacs Silicon Bidirectional Thyristors

BTA08-600CW3G Datasheet (PDF)

Go To PDF Page Descarga Datasheet
BTA08-600CW3G Datasheet PDF - ON Semiconductor

No. de pieza BTA08-600CW3G
Descarga  BTA08-600CW3G Click to download

Tamaño del archivo   137.21 Kbytes
Page   6 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Triacs Silicon Bidirectional Thyristors

BTA08-600CW3G Datasheet (HTML) - ON Semiconductor

BTA08-600CW3G Datasheet HTML 1Page - ON Semiconductor BTA08-600CW3G Datasheet HTML 2Page - ON Semiconductor BTA08-600CW3G Datasheet HTML 3Page - ON Semiconductor BTA08-600CW3G Datasheet HTML 4Page - ON Semiconductor BTA08-600CW3G Datasheet HTML 5Page - ON Semiconductor BTA08-600CW3G Datasheet HTML 6Page - ON Semiconductor

BTA08-600CW3G Detalles de producto

Triacs Silicon Bidirectional Thyristors

Designed for high performance full-wave ac control applications where high noise immunity and high commutating di/dt are required.

Features
• Blocking Voltage to 800 V
• On-State Current Rating of 8 A RMS at 25°C
• Uniform Gate Trigger Currents in Three Quadrants
• High Immunity to dV/dt − 1500 V/s minimum at 125°C
• Minimizes Snubber Networks for Protection
• Industry Standard TO-220AB Package
• High Commutating dI/dt − 1.5 A/ms minimum at 125°C
• Internally Isolated (2500 VRMS)
• These are Pb−Free Devices




Número de pieza similar - BTA08-600CW3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTA08-600CW STMICROELECTRONICS-BTA08-600CW Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
logo
Kersemi Electronic Co.,...
BTA08-600CW KERSEMI-BTA08-600CW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
Inchange Semiconductor ...
BTA08-600CW ISC-BTA08-600CW Datasheet
120Kb / 1P
   isc Triacs
logo
STMicroelectronics
BTA08-600CWRG STMICROELECTRONICS-BTA08-600CWRG Datasheet
129Kb / 11P
   8A TRIACS
BTA08-600CWRG STMICROELECTRONICS-BTA08-600CWRG Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
More results


Descripción similar - BTA08-600CW3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results




Acerca de ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com