Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC80C51CXXX-L20IF Datasheet (PDF) - TEMIC Semiconductors

TSC80C51CXXX-L20IF Datasheet PDF - TEMIC Semiconductors
No. de pieza TSC80C51CXXX-L20IF
Descarga  TSC80C51CXXX-L20IF Descarga

Tamaño del archivo   205.82 Kbytes
Page   19 Pages
Fabricante Electrónico  TEMIC [TEMIC Semiconductors]
Página de inicio  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Descripción Electrónicos CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller

TSC80C51CXXX-L20IF Datasheet (PDF)

Go To PDF Page Descarga Datasheet
TSC80C51CXXX-L20IF Datasheet PDF - TEMIC Semiconductors

No. de pieza TSC80C51CXXX-L20IF
Descarga  TSC80C51CXXX-L20IF Click to download

Tamaño del archivo   205.82 Kbytes
Page   19 Pages
Fabricante Electrónico  TEMIC [TEMIC Semiconductors]
Página de inicio  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Descripción Electrónicos CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller

TSC80C51CXXX-L20IF Datasheet (HTML) - TEMIC Semiconductors

Back Button TSC80C51CXXX-L20IF Datasheet HTML 1Page - TEMIC Semiconductors TSC80C51CXXX-L20IF Datasheet HTML 2Page - TEMIC Semiconductors TSC80C51CXXX-L20IF Datasheet HTML 3Page - TEMIC Semiconductors TSC80C51CXXX-L20IF Datasheet HTML 4Page - TEMIC Semiconductors TSC80C51CXXX-L20IF Datasheet HTML 5Page - TEMIC Semiconductors TSC80C51CXXX-L20IF Datasheet HTML 6Page - TEMIC Semiconductors TSC80C51CXXX-L20IF Datasheet HTML 7Page - TEMIC Semiconductors TSC80C51CXXX-L20IF Datasheet HTML 8Page - TEMIC Semiconductors TSC80C51CXXX-L20IF Datasheet HTML 9Page - TEMIC Semiconductors TSC80C51CXXX-L20IF Datasheet HTML 10Page - TEMIC Semiconductors Next Button 

TSC80C51CXXX-L20IF Detalles de producto

Description
The TSC80C31/80C51 is high performance SCMOS versions of the 8051 NMOS single chip 8 bit µC. The fully static design of the TSC80C31/80C51 allows to reduce system power consumption by bringing the clock frequency down to any value, even DC, without loss of data.
The TSC80C31/80C51 retains all the features of the 8051 : 4 K bytes of ROM ; 128 bytes of RAM ; 32 I/O lines ; two 16 bit timers ; a 5-source, 2-level interrupt structure ; a full duplex serial port ; and on-chip oscillator and clock circuits.

Features
• Power control modes
• 128 bytes of RAM
• 4 K bytes of ROM (TSC80C31/80C51)
• 32 programmable I/O lines
• Two 16 bit timer/counter
• 64 K program memory space
• 64 K data memory space
• Fully static design
• 0.8 µm CMOS process
• Boolean processor
• 5 interrupt sources
• Programmable serial port
• Temperature range : commercial, industrial, automotive and military




Número de pieza similar - TSC80C51CXXX-L20IF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
   TSC 80251 Programmer?셲 Guide
TSC80251-SK TEMIC-TSC80251-SK Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251-SK TEMIC-TSC80251-SK Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
TSC80251A1-A16CBR TEMIC-TSC80251A1-A16CBR Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
More results


Descripción similar - TSC80C51CXXX-L20IF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com