Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG1439BCPZ-REEL7 Datasheet (PDF) - Analog Devices

ADG1439BCPZ-REEL7 Datasheet PDF - Analog Devices
No. de pieza ADG1439BCPZ-REEL7
Descarga  ADG1439BCPZ-REEL7 Descarga

Tamaño del archivo   605.53 Kbytes
Page   20 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches

ADG1439BCPZ-REEL7 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ADG1439BCPZ-REEL7 Datasheet PDF - Analog Devices

No. de pieza ADG1439BCPZ-REEL7
Descarga  ADG1439BCPZ-REEL7 Click to download

Tamaño del archivo   605.53 Kbytes
Page   20 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches

ADG1439BCPZ-REEL7 Datasheet (HTML) - Analog Devices

Back Button ADG1439BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1439BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1439BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1439BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1439BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1439BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1439BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1439BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1439BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1439BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button 

ADG1439BCPZ-REEL7 Detalles de producto

GENERAL DESCRIPTION

The ADG1438 and ADG1439 are CMOS analog matrix switches with a serially controlled 3-wire interface. The ADG1438 is an 8-channel matrix switch, and the ADG1439 is a dual 4-channel matrix switch.

The ADG1438/ADG1439 use a versatile 3-wire serial interface that operates at clock rates of up to 50 MHz and is compatible with standard SPI, QSPI™, MICROWIRE™, and DSP interface standards. The output of the shift register, SDO, enables a number of the ADG1438/ADG1439 parts to be daisy-chained. On power-up, the internal shift register contains all zeros, and all switches are in the off state.



FEATURES

Serial interface up to 50 MHz

SDO daisy-chaining option

9.5 Ω on resistance @ 25°C

1.6 Ω on-resistance flatness

Fully specified at ±15 V/+12 V/±5 V

3 V logic-compatible inputs

Rail-to-rail operation

20-lead TSSOP and 20-lead ,4 mm × 4 mm LFCSP packages



APPLICATIONS

Relay replacement

Audio and video routing

Automatic test equipment

Data acquisition systems

Temperature measurement systems

Avionics

Battery-powered systems

Communication systems

Medical equipment




Número de pieza similar - ADG1439BCPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL AD-ADG1433YCPZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL7 AD-ADG1433YCPZ-REEL7 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ AD-ADG1433YRUZ Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ-REEL AD-ADG1433YRUZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
More results


Descripción similar - ADG1439BCPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results




Acerca de Analog Devices


Analog Devices, Inc. (ADI) es una empresa que cotiza en bolsa que diseña, desarrolla y fabrica circuitos integrados (ICS) analógicos, de señal mixtos y digitales (DSP).
La compañía fue fundada en 1965 y tiene su sede en Norwood, Massachusetts.
ADI sirve una amplia gama de industrias, incluidas aeroespaciales y defensa, automotriz, comunicaciones, consumidores, industriales, médicos y pruebas y medidas.
La cartera de productos de la compañía incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y radiofrecuencia (RF) y componentes de microondas, entre otros.
ADI se dedica a la innovación y la satisfacción del cliente, y se compromete a proporcionar a sus clientes soluciones confiables y de alta calidad para satisfacer sus necesidades.
Con un enfoque en la eficiencia energética y la sostenibilidad, ADI es un líder en la industria de IC analógicas y de señal mixta, impulsando los avances tecnológicos y proporcionando soluciones innovadoras a los problemas más desafiantes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com