Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Aries Electronics, Inc. |
13004
|
926Kb / 1P |
Series 800 Vertisocket w/Collet Contacts for Vertical Mounting
|
 Molex Electronics Ltd. |
1300420024
|
27Kb / 1P |
Micro-Change (M12) Single-Ended Cordset, 4 Poles, Female Straight to Pigtail, 2.0m (6.56) Length, Nickel (Ni) Plated Brass Coupler, Shielded PVC Cable
02/01/2023 |
1300420037
|
27Kb / 1P |
Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), Nickel (Ni) Plated Brass Coupler, 18 AWG, Shielded PVC Cable, 1.0m (3.28) Length
02/01/2023 |
1300420041
|
27Kb / 1P |
Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), Nickel (Ni) Plated Brass Coupler, 18 AWG, Shielded PVC Cable, 5.0m (16.40) Length
02/01/2023 |
1300470035
|
26Kb / 1P |
Micro-Change (M12) PROFINET Field Attachable Connector, 4 Poles, D-Coded, Straight, Male, Shielded, Screw Termination, Cable Diameter 6.00-8.00mm
03/23/2023 |