Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HX5003 Datasheet (PDF) - HBH Microwave GmbH

HX5003 Datasheet PDF - HBH Microwave GmbH
No. de pieza HX5003
Descarga  HX5003 Descarga

Tamaño del archivo   20.95 Kbytes
Page   1 Pages
Fabricante Electrónico  HBH [HBH Microwave GmbH]
Página de inicio  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Descripción Electrónicos 8 - 10 GHz GaAs MMIC Mixer

HX5003 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HX5003 Datasheet PDF - HBH Microwave GmbH

No. de pieza HX5003
Descarga  HX5003 Click to download

Tamaño del archivo   20.95 Kbytes
Page   1 Pages
Fabricante Electrónico  HBH [HBH Microwave GmbH]
Página de inicio  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Descripción Electrónicos 8 - 10 GHz GaAs MMIC Mixer

HX5003 Datasheet (HTML) - HBH Microwave GmbH

HX5003 Datasheet HTML 1Page - HBH Microwave GmbH



Número de pieza similar - HX5003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HBH Microwave GmbH
HX5003_SMD HBH-HX5003_SMD Datasheet
19Kb / 1P
   8 - 10 GHz GaAs MMIC Mixer
More results


Descripción similar - HX5003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HBH Microwave GmbH
HX5003_SMD HBH-HX5003_SMD Datasheet
19Kb / 1P
   8 - 10 GHz GaAs MMIC Mixer
logo
Analog Devices
HMC260A AD-HMC260A Datasheet
295Kb / 16P
   10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526 HITTITE-HMC526 Datasheet
302Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4 Datasheet
296Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC129LC4 HITTITE-HMC129LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC171C8 HITTITE-HMC171C8_06 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 7 - 10 GHz
HMC526 HITTITE-HMC526_09 Datasheet
234Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520_10 Datasheet
240Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC411MS8G HITTITE-HMC411MS8G_08 Datasheet
184Kb / 6P
   GaAs MMIC SINGLE-BALANCED MIXER, 10 - 15 GHz
More results




Acerca de HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com