Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL21009MEP Datasheet (PDF) - Intersil Corporation

ISL21009MEP Datasheet PDF - Intersil Corporation
No. de pieza ISL21009MEP
Descarga  ISL21009MEP Descarga

Tamaño del archivo   557.7 Kbytes
Page   14 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos High Voltage Input Precision, Low Noise FGA??Voltage References

ISL21009MEP Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ISL21009MEP Datasheet PDF - Intersil Corporation

No. de pieza ISL21009MEP
Descarga  ISL21009MEP Click to download

Tamaño del archivo   557.7 Kbytes
Page   14 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos High Voltage Input Precision, Low Noise FGA??Voltage References

ISL21009MEP Datasheet (HTML) - Intersil Corporation

Back Button ISL21009MEP Datasheet HTML 1Page - Intersil Corporation ISL21009MEP Datasheet HTML 2Page - Intersil Corporation ISL21009MEP Datasheet HTML 3Page - Intersil Corporation ISL21009MEP Datasheet HTML 4Page - Intersil Corporation ISL21009MEP Datasheet HTML 5Page - Intersil Corporation ISL21009MEP Datasheet HTML 6Page - Intersil Corporation ISL21009MEP Datasheet HTML 7Page - Intersil Corporation ISL21009MEP Datasheet HTML 8Page - Intersil Corporation ISL21009MEP Datasheet HTML 9Page - Intersil Corporation ISL21009MEP Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL21009MEP Detalles de producto

The ISL21009MEP FGA™ voltage references are extremely low power, high precision, and low noise voltage references fabricated on Intersil’s proprietary Floating Gate Analog technology. The ISL21009MEP features very low noise (4.5µVP-P for 0.1Hz to 10Hz), low operating current (180µA, Max), and 3ppm/°C of temperature drift. In addition, the ISL21009 family features guaranteed initial accuracy as low as ±0.5mV.



Features

• Specifications per DSCC VID V62/08629

• Full Mil-Temp Electrical Performance from -55°C to +125°C

• Controlled Baseline with One Wafer Fabrication Site and One Assembly/Test Site

• Full Homogeneous Lot Processing in Wafer Fab

• No Combination of Wafer Fabrication Lots in Assembly

• Full Traceability Through Assembly and Test by Date/Trace Code Assignment

• Enhanced Process Change Notification

• Enhanced Obsolescence Management

• Eliminates Need for Up-Screening a COTS Component

• Output Voltages . . . . . . . . . . . . . . 2.500V, 4.096V, 5.000V

• Initial Accuracy . . . . . . . . . . . . . . . . . . . . .±0.5mV, ±1.0mV

• Input Voltage Range. . . . . . . . . . . . . . . . . . . 3.5V to 16.5V

• Output Voltage Noise . . . . . . . . .4.5µVP-P (0.1Hz to 10Hz)

• Supply Current . . . . . . . . . . . . . . . . . . . . . . . .180µA (Max)

• Temperature Coefficient . . . . . . . . . . . . 3ppm/°C, 5ppm/°C

• Output Current Capability. . . . . . . . . . . . . . . Up to ±7.0mA

• Operating Temperature Range. . . . . . . . .-55°C to +125°C

• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Ld SOIC



Applications

• Defense/Commercial Avionics

• Radar/Sonar Systems

• Signal Processing Applications




Número de pieza similar - ISL21009MEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
More results


Descripción similar - ISL21009MEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results




Acerca de Intersil Corporation


Intersil Corporation era una compañía de semiconductores estadounidenses que se especializó en el diseño y fabricación de circuitos integrados analógicos y de señal mixta de alto rendimiento.
La compañía fue fundada en 1967 y era conocida por su experiencia en gestión de energía, conversión de datos y tecnologías de radiofrecuencia (RF).
Los productos de Intersil se utilizaron en una amplia gama de aplicaciones, como la electrónica de consumo, industrial, telecomunicaciones y aeroespacial y defensa.
En 2016, Intersil fue adquirido por Renesas Electronics Corporation, una empresa de semiconductores japoneses.
La marca y la tecnología Intersil continúan desarrollándose y vendiendo como parte de la cartera de productos de Renesas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com