Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM78L10S8-XX-TR30 Datasheet (PDF) - TAITRON Components Incorporated

LM78L10S8-XX-TR30 Datasheet PDF - TAITRON Components Incorporated
No. de pieza LM78L10S8-XX-TR30
Descarga  LM78L10S8-XX-TR30 Descarga

Tamaño del archivo   589.73 Kbytes
Page   14 Pages
Fabricante Electrónico  TAITRON [TAITRON Components Incorporated]
Página de inicio  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Descripción Electrónicos 100mA Positive Voltage Regulator

LM78L10S8-XX-TR30 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
LM78L10S8-XX-TR30 Datasheet PDF - TAITRON Components Incorporated

No. de pieza LM78L10S8-XX-TR30
Descarga  LM78L10S8-XX-TR30 Click to download

Tamaño del archivo   589.73 Kbytes
Page   14 Pages
Fabricante Electrónico  TAITRON [TAITRON Components Incorporated]
Página de inicio  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Descripción Electrónicos 100mA Positive Voltage Regulator

LM78L10S8-XX-TR30 Datasheet (HTML) - TAITRON Components Incorporated

Back Button LM78L10S8-XX-TR30 Datasheet HTML 1Page - TAITRON Components Incorporated LM78L10S8-XX-TR30 Datasheet HTML 2Page - TAITRON Components Incorporated LM78L10S8-XX-TR30 Datasheet HTML 3Page - TAITRON Components Incorporated LM78L10S8-XX-TR30 Datasheet HTML 4Page - TAITRON Components Incorporated LM78L10S8-XX-TR30 Datasheet HTML 5Page - TAITRON Components Incorporated LM78L10S8-XX-TR30 Datasheet HTML 6Page - TAITRON Components Incorporated LM78L10S8-XX-TR30 Datasheet HTML 7Page - TAITRON Components Incorporated LM78L10S8-XX-TR30 Datasheet HTML 8Page - TAITRON Components Incorporated LM78L10S8-XX-TR30 Datasheet HTML 9Page - TAITRON Components Incorporated LM78L10S8-XX-TR30 Datasheet HTML 10Page - TAITRON Components Incorporated Next Button 

LM78L10S8-XX-TR30 Detalles de producto

General Description
• The TCI LM78LXX family is monolithic fixed voltage regulator
   integrated circuit. They are suitable for applications that
   required supply current up to 100mA.
• The LM78L is available in TO-92, SOT-89, SOT-223
   and SOP-8 packages.
  
Features
• Output Current up to 100mA
• Fixed output voltage of 5V, 6V, 8V, 9V, 10V, 12V,
   15V, 18V and 24V available
• Thermal overload shutdown protection
• Short circuit current limiting
• RoHS Compliance

Applications
• Consumer Electronics
• Microprocessor Power Supply
• Mother Board




Número de pieza similar - LM78L10S8-XX-TR30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
LM78L10 HTC-LM78L10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM78L10 KEXIN-LM78L10 Datasheet
55Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
First Components Intern...
LM78L10 FCI-LM78L10 Datasheet
2Mb / 7P
   LM78L00Series 3-Terminal Low Current Positive Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM78L10 HTC-LM78L10 Datasheet
208Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78L10A HTC-LM78L10A Datasheet
208Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Descripción similar - LM78L10S8-XX-TR30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com