Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V52RD2-33-I-NJ Datasheet (PDF) - Silicon Storage Technology, Inc

SST89V52RD2-33-I-NJ Datasheet PDF - Silicon Storage Technology, Inc
No. de pieza SST89V52RD2-33-I-NJ
Descarga  SST89V52RD2-33-I-NJ Descarga

Tamaño del archivo   937.7 Kbytes
Page   81 Pages
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Descripción Electrónicos FlashFlex51 MCU

SST89V52RD2-33-I-NJ Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SST89V52RD2-33-I-NJ Datasheet PDF - Silicon Storage Technology, Inc

No. de pieza SST89V52RD2-33-I-NJ
Descarga  SST89V52RD2-33-I-NJ Click to download

Tamaño del archivo   937.7 Kbytes
Page   81 Pages
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Descripción Electrónicos FlashFlex51 MCU

SST89V52RD2-33-I-NJ Datasheet (HTML) - Silicon Storage Technology, Inc

Back Button SST89V52RD2-33-I-NJ Datasheet HTML 1Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-NJ Datasheet HTML 2Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-NJ Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-NJ Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-NJ Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-NJ Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-NJ Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-NJ Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-NJ Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-NJ Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button 

SST89V52RD2-33-I-NJ Detalles de producto

PRODUCT DESCRIPTION
The SST89E5xRD2/RD and SST89V5xRD2/RD are members of the FlashFlex51 family of 8-bit microcontroller products designed and manufactured with SST’s patented and proprietary SuperFlash CMOS semiconductor process technology. The split-gate cell design and thick-oxide tunneling injector offer significant cost and reliability benefits for SST’s customers. The devices use the 8051 instruction set and are pin-for-pin compatible with standard 8051 microcontroller devices.

FEATURES:
• 8-bit 8051-Compatible Microcontroller (MCU) with Embedded SuperFlash Memory
    – Fully Software Compatible
    – Development Toolset Compatible
    – Pin-For-Pin Package Compatible
• SST89E5xRD2 Operation
    – 0 to 40 MHz at 5V
• SST89V5xRD2 Operation
    – 0 to 33 MHz at 3V
• 1 KByte Internal RAM
• Dual Block SuperFlash EEPROM
    – 8/16/32 KByte primary block + 8 KByte secondary block(128-Byte sector size for both blocks)
    – Individual Block Security Lock with SoftLock
    – Concurrent Operation during In-Application Programming (IAP)
    – Memory Overlay for Interrupt Support during IAP
• Support External Address Range up to 64 KByte of Program and Data Memory
• Three High-Current Drive Ports (16 mA each)
• Three 16-bit Timers/Counters
• Full-Duplex, Enhanced UART
    – Framing Error Detection
    – Automatic Address Recognition
• Ten Interrupt Sources at 4 Priority Levels
    – Four External Interrupt Inputs
• Programmable Watchdog Timer (WDT)
• Programmable Counter Array (PCA)
• Four 8-bit I/O Ports (32 I/O Pins) and One 4-bit Port
• Second DPTR register
• Low EMI Mode (Inhibit ALE)
• SPI Serial Interface
• Standard 12 Clocks per cycle, the device has an option to double the speed to 6 clocks per cycle.
• TTL- and CMOS-Compatible Logic Levels
• Brown-out Detection
• Low Power Modes
    – Power-down Mode with External Interrupt Wake-up
    – Idle Mode
• Temperature Ranges:
    – Commercial (0°C to +70°C)
    – Industrial (-40°C to +85°C)
• Packages Available
    – 40-contact WQFN (Port 4 feature not available)
    – 44-lead PLCC
    – 40-pin PDIP (Port 4 feature not available)
    – 44-lead TQFP
• All non-Pb (lead-free) devices are RoHS compliant




Número de pieza similar - SST89V52RD2-33-I-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V52RD2-33-I-NJ SST-SST89V52RD2-33-I-NJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89V52RD2-33-I-NJ SST-SST89V52RD2-33-I-NJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V52RD2-33-I-NJE SST-SST89V52RD2-33-I-NJE Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89V52RD2-33-I-NJE SST-SST89V52RD2-33-I-NJE Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V52RD2-33-I-NJE1 SST-SST89V52RD2-33-I-NJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results


Descripción similar - SST89V52RD2-33-I-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results




Acerca de Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) era una empresa de tecnología estadounidense especializada en el diseño y fabricación de soluciones de memoria no volátiles, incluidas la memoria flash y los microcontroladores.
La compañía fue fundada en 1991 y tenía su sede en Sunnyvale, California.
SST era conocido por su tecnología innovadora y productos de alta calidad, y tenía una fuerte reputación en la industria de la memoria y el almacenamiento.
En 2010, SST fue adquirido por Microchip Technology Inc., un proveedor líder de microcontroladores y semiconductores analógicos.
Hoy, SST opera como una subsidiaria de Microchip y continúa proporcionando soluciones de memoria no volátiles para una variedad de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com