Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMC440QS16G Datasheet (PDF) - Hittite Microwave Corporation

HMC440QS16G Datasheet PDF - Hittite Microwave Corporation
No. de pieza HMC440QS16G_06
Descarga  HMC440QS16G Descarga

Tamaño del archivo   558.76 Kbytes
Page   10 Pages
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Descripción Electrónicos HBT DIGITAL PHASE-FREQ. DETECTOR, 10 - 1300, MHz w/ 5-BIT COUNTER, 10 - 2800 MHz

HMC440QS16G Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HMC440QS16G Datasheet PDF - Hittite Microwave Corporation

No. de pieza HMC440QS16G_06
Descarga  HMC440QS16G Click to download

Tamaño del archivo   558.76 Kbytes
Page   10 Pages
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Descripción Electrónicos HBT DIGITAL PHASE-FREQ. DETECTOR, 10 - 1300, MHz w/ 5-BIT COUNTER, 10 - 2800 MHz

HMC440QS16G Datasheet (HTML) - Hittite Microwave Corporation

HMC440QS16G_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC440QS16G_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC440QS16G_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC440QS16G_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC440QS16G_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC440QS16G_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC440QS16G_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC440QS16G_06 Datasheet HTML 8Page - Hittite Microwave Corporation HMC440QS16G_06 Datasheet HTML 9Page - Hittite Microwave Corporation HMC440QS16G_06 Datasheet HTML 10Page - Hittite Microwave Corporation



Número de pieza similar - HMC440QS16G_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC440QS16G HITTITE-HMC440QS16G_08 Datasheet
388Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
More results


Descripción similar - HMC440QS16G_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC440QS16G HITTITE-HMC440QS16G Datasheet
452Kb / 10P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz, w/ INTEGRATED 5-BIT COUNTER, 10 - 2800 MHz
HMC439QS16G HITTITE-HMC439QS16G_06 Datasheet
469Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC439QS16G HITTITE-HMC439QS16G_08 Datasheet
309Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC439QS16G HITTITE-HMC439QS16G Datasheet
344Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
logo
Analog Devices
HMC439QS16G AD-HMC439QS16G Datasheet
441Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC3716LP4E AD-HMC3716LP4E Datasheet
1Mb / 11P
   HBT DIGITAL PHASE FREQUENCY DETECTOR 10 - 1300MHz
logo
Teledyne Technologies I...
SJ1301 TELEDYNE-SJ1301 Datasheet
98Kb / 1P
   5 TO 1300 MHz 10-PIN GULLWING SJ1301 SPDT SWITCH
UTD2002 TELEDYNE-UTD2002 Datasheet
106Kb / 4P
   Threshold Detector 10 to 2000 MHz
AP1309 TELEDYNE-AP1309 Datasheet
166Kb / 2P
   10 TO 1300 MHz TO-8 CASCADABLE AMPLIFIER
UTD2004 TELEDYNE-UTD2004 Datasheet
129Kb / 5P
   Threshold Detector 10 to 2000 MHz
More results




Acerca de Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com