Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC7A20TR Datasheet (PDF) - Silan Microelectronics Joint-stock

SC7A20TR Datasheet PDF - Silan Microelectronics Joint-stock
No. de pieza SC7A20TR
Descarga  SC7A20TR Descarga
Tamaño del archivo   610.19 Kbytes
Page   24 Pages
Fabricante Electrónico  SILAN [Silan Microelectronics Joint-stock]
Página de inicio  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Descripción Electrónicos ±2G/±4G/±8G/±16G three-axis micromachined digital accelerometer

SC7A20TR Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SC7A20TR Datasheet PDF - Silan Microelectronics Joint-stock

No. de pieza SC7A20TR
Descarga  SC7A20TR Click to download

Tamaño del archivo   610.19 Kbytes
Page   24 Pages
Fabricante Electrónico  SILAN [Silan Microelectronics Joint-stock]
Página de inicio  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Descripción Electrónicos ±2G/±4G/±8G/±16G three-axis micromachined digital accelerometer

SC7A20TR Datasheet (HTML) - Silan Microelectronics Joint-stock


SC7A20TR Detalles de producto

Main features
Wide voltage range 1.71V-3.6V
1.8V compatible digital IO port
Supply current as low as 2µA in low power mode
±2G/±4G/±8G/±16G dynamic full range
12bit valid data (HR)
I²C/SPI digital output interface
6D/4D direction detection
Free fall detection
Single/double click detection and motion detection
Programmable interrupt generation circuit
Embedded self-test function
Embedded FIFO
10000g high G resistance




Número de pieza similar - SC7A20TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SC70 DIODES-SC70 Datasheet
426Kb / 15P
0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Amkor Technology
SC70 AMKOR-SC70 Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
Global Mixed-mode Techn...
SC70-3 GMT-SC70-3 Datasheet
127Kb / 1P
Package Outline
SC70-4 GMT-SC70-4 Datasheet
128Kb / 1P
Package Outline
logo
Zetex Semiconductors
SC70-5 ZETEX-SC70-5 Datasheet
195Kb / 3P
Surface mounted, 5 pin package Package outline
More results


Descripción similar - SC7A20TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
KXTIK-1004 ETC2-KXTIK-1004 Datasheet
1Mb / 54P
2g/4g/8g Tri-axis Digital Accelerometer Specifications
KXTI9-1001 ETC2-KXTI9-1001 Datasheet
1Mb / 54P
2g/4g/8g Tri-axis Digital Accelerometer Specifications
logo
Freescale Semiconductor...
MMA7330L_0708 FREESCALE-MMA7330L_0708 Datasheet
149Kb / 10P
짹4g - 16g Three Axis Low-g Micromachined Accelerometer
logo
Analog Devices
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
logo
Freescale Semiconductor...
MMA7330L FREESCALE-MMA7330L Datasheet
234Kb / 10P
짹4g - 16g Three Axis Low-g Micromachined Accelerometer
logo
List of Unclassifed Man...
KX224-1053 ETC-KX224-1053 Datasheet
2Mb / 84P
짹 8g / 16g / 32g Tri-axis Digital Accelerometer Specifications
Rev. 2.0 22-Dec-2017
logo
Analog Devices
ADXL345 AD-ADXL345 Datasheet
311Kb / 24P
Three-Axis, 짹2/4/8/16g Digital Accelerometer
Rev. PrA
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
Digital Dual Axis Micromachined Accelerometer
MMA6222KEG FREESCALE-MMA6222KEG Datasheet
383Kb / 34P
Digital Dual Axis Micromachined Accelerometer
MMA7368LT FREESCALE-MMA7368LT Datasheet
164Kb / 11P
,-1.5g Three Axis Low-g Micromachined Accelerometer
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com