Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TRS-33120-CXX0G Datasheet (PDF) - Optoway Technology Inc

TRS-33120-CXX0G Datasheet PDF - Optoway Technology Inc
No. de pieza TRS-33120-CXX0G
Descarga  TRS-33120-CXX0G Descarga

Tamaño del archivo   136.21 Kbytes
Page   5 Pages
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Descripción Electrónicos CWDM 3.3V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver

TRS-33120-CXX0G Datasheet (PDF)

Go To PDF Page Descarga Datasheet
TRS-33120-CXX0G Datasheet PDF - Optoway Technology Inc

No. de pieza TRS-33120-CXX0G
Descarga  TRS-33120-CXX0G Click to download

Tamaño del archivo   136.21 Kbytes
Page   5 Pages
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Descripción Electrónicos CWDM 3.3V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver

TRS-33120-CXX0G Datasheet (HTML) - Optoway Technology Inc

TRS-33120-CXX0G Datasheet HTML 1Page - Optoway Technology Inc TRS-33120-CXX0G Datasheet HTML 2Page - Optoway Technology Inc TRS-33120-CXX0G Datasheet HTML 3Page - Optoway Technology Inc TRS-33120-CXX0G Datasheet HTML 4Page - Optoway Technology Inc TRS-33120-CXX0G Datasheet HTML 5Page - Optoway Technology Inc

TRS-33120-CXX0G Detalles de producto

DESCRIPTION
The TRS-33120-CXX0G series single mode transceivers is low power, high performance CWDM modules for bi-directional serial optical data communications such as SONET OC-3 / SDH STM-1 and Fast Ethernet. There are eighteen center wavelengths from 1270 nm to 1610 nm. A guaranteed minimum optical link budget of 34 dB is offered. The transmitter section uses a multiple quantum well DFB laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A PECL logic interface simplifies interface to external circuitry.

FEATURES
● 18-Wavelength CWDM Transceivers
● Duplex SC/ST/FC Single Mode Transceiver
● Long-Reach SONET OC-3 / SDH STM-1 Compliant
● CWDM DFB LD Transmitter
● 34 dB Link Budget at Least
● Industry Standard 1 x 9 Footprint
● Single +3.3 V Power Supply
● RoHS Compliant
● PECL Signal Detection Output
● LED Multisourced 1 x 9 Transceiver Interchangeable
● Wave Solderable and Aqueous Washable
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● ATM 155 Mbps Links
● SONET/SDH Equipment Interconnect
● Fast Ethernet 100 Mb/s Links
● CWDM




Número de pieza similar - TRS-33120-CXX0G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
TRS-33120AG OPTOWAY-TRS-33120AG Datasheet
133Kb / 5P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-33120G OPTOWAY-TRS-33120G Datasheet
133Kb / 5P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results


Descripción similar - TRS-33120-CXX0G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
TRS-33100-CXX0G OPTOWAY-TRS-33100-CXX0G Datasheet
135Kb / 5P
   CWDM 3.3V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3380-CXX0G OPTOWAY-TRS-3380-CXX0G Datasheet
135Kb / 5P
   CWDM 3.3V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32120-CXX0G OPTOWAY-TRS-32120-CXX0G Datasheet
141Kb / 5P
   CWDM 5V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32100-CXX0G OPTOWAY-TRS-32100-CXX0G Datasheet
141Kb / 5P
   CWDM 5V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3280-CXX0G OPTOWAY-TRS-3280-CXX0G Datasheet
140Kb / 5P
   CWDM 5V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-53160-CXX0G OPTOWAY-TRS-53160-CXX0G Datasheet
154Kb / 6P
   CWDM 3.3V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-5380-CXX0G OPTOWAY-TRS-5380-CXX0G Datasheet
156Kb / 6P
   CWDM 3.3V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-53120-CXX0G OPTOWAY-TRS-53120-CXX0G Datasheet
156Kb / 6P
   CWDM 3.3V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRSL-3380-CXX0G OPTOWAY-TRSL-3380-CXX0G Datasheet
129Kb / 5P
   3.3V / CWDM / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-33100-CXX0G OPTOWAY-TRSL-33100-CXX0G Datasheet
129Kb / 5P
   3.3V / CWDM / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com