Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TRS-3020G Datasheet (PDF) - Optoway Technology Inc

TRS-3020G Datasheet PDF - Optoway Technology Inc
No. de pieza TRS-3020G
Descarga  TRS-3020G Descarga

Tamaño del archivo   141.93 Kbytes
Page   5 Pages
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Descripción Electrónicos 5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver

TRS-3020G Datasheet (PDF)

Go To PDF Page Descarga Datasheet
TRS-3020G Datasheet PDF - Optoway Technology Inc

No. de pieza TRS-3020G
Descarga  TRS-3020G Click to download

Tamaño del archivo   141.93 Kbytes
Page   5 Pages
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Descripción Electrónicos 5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver

TRS-3020G Datasheet (HTML) - Optoway Technology Inc

TRS-3020G Datasheet HTML 1Page - Optoway Technology Inc TRS-3020G Datasheet HTML 2Page - Optoway Technology Inc TRS-3020G Datasheet HTML 3Page - Optoway Technology Inc TRS-3020G Datasheet HTML 4Page - Optoway Technology Inc TRS-3020G Datasheet HTML 5Page - Optoway Technology Inc

TRS-3020G Detalles de producto

DESCRIPTION
The TRS-3020G series single mode transceivers is low power, high performance module for bi-directional serial optical data communications such as SONET OC-3 / SDH STM-1 and Fast Ethernet. This module is designed for single mode fiber and operates at a nominal wavelength of 1310 nm. The transmitter section uses a multiple quantum well laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A PECL logic interface simplifies interface to external circuitry.

FEATURES
● Duplex SC Single Mode Transceiver: TRS-3020G
● Duplex ST Single Mode Transceiver: TRS-3020TG
● Duplex FC Single Mode Transceiver: TRS-3020FG
● Distance up to 20 km
● Industry Standard 1 x 9 Footprint
● Single +5 V Power Supply
● RoHS Compliant
● 0 to 70°C Operating
● PECL Signal Detection Output
● LED Multisourced 1 x 9 Transceiver Interchangeable
● Wave Solderable and Aqueous Washable
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● ATM 155 Mbps Links
● SONET/SDH Equipment Interconnect
● Fast Ethernet 100 Mb/s Links




Número de pieza similar - TRS-3020G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TRS-3020 ETC1-TRS-3020 Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps OPTICAL SINGLE-MODE TRANSCEIVER
More results


Descripción similar - TRS-3020G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
TRS-3050G OPTOWAY-TRS-3050G Datasheet
142Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3030G OPTOWAY-TRS-3030G Datasheet
142Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3080G OPTOWAY-TRS-3080G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3060G OPTOWAY-TRS-3060G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRM-3002G OPTOWAY-TRM-3002G Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
TRS-3150G OPTOWAY-TRS-3150G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3160G OPTOWAY-TRS-3160G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3160G OPTOWAY-TRS-3160G_06 Datasheet
131Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3130G OPTOWAY-TRS-3130G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3180G OPTOWAY-TRS-3180G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com