Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPS-9380MW-CXX0G Datasheet (PDF) - Optoway Technology Inc

SPS-9380MW-CXX0G Datasheet PDF - Optoway Technology Inc
No. de pieza SPS-9380MW-CXX0G
Descarga  SPS-9380MW-CXX0G Descarga

Tamaño del archivo   152.6 Kbytes
Page   4 Pages
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Descripción Electrónicos 3.3V / CWDM / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER

SPS-9380MW-CXX0G Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SPS-9380MW-CXX0G Datasheet PDF - Optoway Technology Inc

No. de pieza SPS-9380MW-CXX0G
Descarga  SPS-9380MW-CXX0G Click to download

Tamaño del archivo   152.6 Kbytes
Page   4 Pages
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Descripción Electrónicos 3.3V / CWDM / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER

SPS-9380MW-CXX0G Datasheet (HTML) - Optoway Technology Inc

SPS-9380MW-CXX0G Datasheet HTML 1Page - Optoway Technology Inc SPS-9380MW-CXX0G Datasheet HTML 2Page - Optoway Technology Inc SPS-9380MW-CXX0G Datasheet HTML 3Page - Optoway Technology Inc SPS-9380MW-CXX0G Datasheet HTML 4Page - Optoway Technology Inc

SPS-9380MW-CXX0G Detalles de producto

DESCRIPTION
The SPS-9380MW-CXX0G series single mode transceivers is small form factor pluggable module for bi-directional serial optical data communications such as SONET OC-48 / SDH STM-16, Gigabit Ethernet 1000BASE and Fibre Channel 1X/2X SM-LC-L FC-PI. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I2C. This module is designed for single mode fiber and operates at a nominal wavelength of CWDM wavelength. There are eighteen center wavelengths available from 1270 nm to 1610 nm, with each step 20 nm.

FEATURES
● Hot-Pluggable SFP Footprint LC Optical Transceiver
● Small Form-Factor Pluggable (SFP) MSA compatible
● 18 Wavelength (λ): 1270 nm to 1610 nm CWDM DFB LD Transmitter
● Compliant with Intra-Office SONET OC-48 / SDH STM-16
● Compliant with Fibre Channel 1X/2X SM-LC-L FC-PI
● Compliant with IEEE 802.3z 1000BASE
● SFF-8472 Digital Diagnostic Function
● APD High Sensitivity Receiver
● 28 dB Power Budget at Least
● AC/AC Coupling according to MSA
● Single +3.3 V Power Supply
● RoHS Compliant
● 0 to 70oC Operation: SPS-9380MW-CXX0G
● -5 to 70oC Operation: SPS-9380BMW-CXX0G
● -40 to 70oC Operation: SPS-9380AMW-CXX0G
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● SONET OC-48 / SDH STM-16
● SONET OC-12 / SDH STM-4
● SONET OC-3 / SDH STM-1
● Gigabit Ethernet / 1X/2X Fibre Channel




Número de pieza similar - SPS-9380MW-CXX0G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
SPS-9380MW-CXX0G OPTOWAY-SPS-9380MW-CXX0G Datasheet
153Kb / 5P
   3.3V / CWDM/ Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MW-CXX0G OPTOWAY-SPS-9380MW-CXX0G_08 Datasheet
153Kb / 5P
   3.3V / CWDM/ Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MW-CXX0G OPTOWAY-SPS-9380MW-CXX0G_15 Datasheet
153Kb / 5P
   Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MW-CXX0G_2015 OPTOWAY-SPS-9380MW-CXX0G_2015 Datasheet
153Kb / 5P
   Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Descripción similar - SPS-9380MW-CXX0G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
SPS-93120MW-CXX0G OPTOWAY-SPS-93120MW-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM/ Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100MW-CXX0G OPTOWAY-SPS-93100MW-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM/ Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100MW-CXX0G OPTOWAY-SPS-93100MW-CXX0G Datasheet
152Kb / 4P
   3.3V / CWDM / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MW-CXX0G OPTOWAY-SPS-9380MW-CXX0G_08 Datasheet
153Kb / 5P
   3.3V / CWDM/ Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MW-CXX0G OPTOWAY-SPS-93120MW-CXX0G Datasheet
152Kb / 4P
   3.3V / CWDM / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com