Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPS-8340-CXX0G Datasheet (PDF) - Optoway Technology Inc

SPS-8340-CXX0G Datasheet PDF - Optoway Technology Inc
No. de pieza SPS-8340-CXX0G
Descarga  SPS-8340-CXX0G Descarga

Tamaño del archivo   147.37 Kbytes
Page   4 Pages
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Descripción Electrónicos 3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-8340-CXX0G Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SPS-8340-CXX0G Datasheet PDF - Optoway Technology Inc

No. de pieza SPS-8340-CXX0G
Descarga  SPS-8340-CXX0G Click to download

Tamaño del archivo   147.37 Kbytes
Page   4 Pages
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Descripción Electrónicos 3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-8340-CXX0G Datasheet (HTML) - Optoway Technology Inc

SPS-8340-CXX0G Datasheet HTML 1Page - Optoway Technology Inc SPS-8340-CXX0G Datasheet HTML 2Page - Optoway Technology Inc SPS-8340-CXX0G Datasheet HTML 3Page - Optoway Technology Inc SPS-8340-CXX0G Datasheet HTML 4Page - Optoway Technology Inc

SPS-8340-CXX0G Detalles de producto

DESCRIPTION
The SPS-8340-CXX0G series single mode transceivers are small form factor pluggable modules for bi-directional serial optical data communications such as 4x/2x/1x Fibre Channel and 1000BASE Ethernet. It is with the SFP 20-pin connector to allow hot plug capability. This module is designed for single mode fiber and operates at a nominal wavelength of CWDM wavelength. There are eighteen center wavelengths available from 1270 nm to 1610 nm, with each step 20 nm. A guaranteed minimum optical link budget of 18 dB is offered.

FEATURES
● Up to 4.25 Gbps Bi-directional Data Links
● Hot-Pluggable SFP Footprint LC Optical Transceiver
● Small Form-Factor Pluggable (SFP) MSA compatible
● Compliance with Fibre Channel FC-PI 400/200/100-SM-LC-L
● 18 Wavelength (λ): 1270 nm to 1610 nm CWDM DFB LD Transmitter
● 18 dB Power Budget at Least
● AC/AC Coupling according to MSA
● Single +3.3 V Power Supply
● RoHS Compliant
● 0 to 70°C Operating
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● Tri-rate 1.063/2.125/4.25 Gb/s Fibre Channel
● 1.25 Gb/s 1000 BASE Ethernet




Número de pieza similar - SPS-8340-CXX0G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
SPS-8340-CXX0G OPTOWAY-SPS-8340-CXX0G Datasheet
152Kb / 5P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8340-CXX0G OPTOWAY-SPS-8340-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Descripción similar - SPS-8340-CXX0G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
SPS-8360-CXX0G OPTOWAY-SPS-8360-CXX0G Datasheet
147Kb / 4P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8340-CXX0G OPTOWAY-SPS-8340-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380-CXX0G OPTOWAY-SPS-8380-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8360-CXX0G OPTOWAY-SPS-8360-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380-CXX0G OPTOWAY-SPS-8380-CXX0G Datasheet
147Kb / 4P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-83100-CXX0G OPTOWAY-SPS-83100-CXX0G Datasheet
152Kb / 5P
   3.3V / CWDM / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380W-CXX0G OPTOWAY-SPS-8380W-CXX0G Datasheet
148Kb / 4P
   3.3V / CWDM / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8360W-CXX0G OPTOWAY-SPS-8360W-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM/ 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8340W-CXX0G OPTOWAY-SPS-8340W-CXX0G Datasheet
148Kb / 4P
   3.3V / CWDM / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8340W-CXX0G OPTOWAY-SPS-8340W-CXX0G_08 Datasheet
153Kb / 5P
   3.3V / CWDM/ 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com