Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCTL-2032 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCTL-2032 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No. de pieza HCTL-2032
Descarga  HCTL-2032 Descarga

Tamaño del archivo   387.11 Kbytes
Page   21 Pages
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Descripción Electrónicos Quadrature Decoder/ Counter Interface ICs

HCTL-2032 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HCTL-2032 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCTL-2032
Descarga  HCTL-2032 Click to download

Tamaño del archivo   387.11 Kbytes
Page   21 Pages
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Descripción Electrónicos Quadrature Decoder/ Counter Interface ICs

HCTL-2032 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HCTL-2032 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCTL-2032 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCTL-2032 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCTL-2032 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCTL-2032 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCTL-2032 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCTL-2032 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCTL-2032 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCTL-2032 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCTL-2032 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HCTL-2032 Detalles de producto

Description

The HCTL-20XX-XX is CMOS ICs that perform the quadra ture  decoder,  counter,  and  bus  interface  function.  The HCTL-20XX-XX  is  designed  to  improve  system  perfor mance in digital closed loop motion control systems and digital  data  input  systems.



Features

•  Interfaces Encoder to Microprocessor

•  33 MHz Clock Operation

•  Programmable Count Modes (1x, 2x or 4x)

•  Single or Dual Axis Support

•  Index Channel Support

•  High Noise Immunity:

•  Schmitt Trigger Inputs and Digital Noise Filter

•  32-Bit Binary Up/Down Counter

•  Latched Outputs

•  8-Bit Tristate Interface

•  8, 16, 24, or 32-Bit Operating Modes

•  Quadrature  Decoder  Output  Signals,  Up/Down  and Count

•  Cascade Output Signals, Up/Down and Count

•  Substantially Reduced System Software

•  5V Operation (VDD- VSS)

•  TTL/CMOS Compatible I/O

•  Operating Temperature: -40°C to 100°C

•  32-Pin PDIP, 32-Pin SOIC, 20-Pin PDIP




Número de pieza similar - HCTL-2032

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCTL-2032 HP-HCTL-2032 Datasheet
291Kb / 20P
   Quadrature Decoder/Counter Interface ICs
HCTL-2032-SC HP-HCTL-2032-SC Datasheet
291Kb / 20P
   Quadrature Decoder/Counter Interface ICs
More results


Descripción similar - HCTL-2032

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCTL-2000 HP-HCTL-2000 Datasheet
319Kb / 18P
   Quadrature Decoder/Counter Interface ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2001 AVAGO-HCTL-2001 Datasheet
183Kb / 12P
   Quadrature Decoder/Counter Interface ICs
HCTL-2001-A00 AVAGO-HCTL-2001-A00 Datasheet
220Kb / 16P
   Quadrature Decoder/Counter Interface ICs
HCTL-2017 AVAGO-HCTL-2017 Datasheet
174Kb / 12P
   Quadrature Decoder/Counter Interface ICs
HCTL-2000 AVAGO-HCTL-2000_06 Datasheet
185Kb / 19P
   Quadrature Decoder/Counter Interface ICs
logo
Agilent(Hewlett-Packard...
HCTL-2032 HP-HCTL-2032 Datasheet
291Kb / 20P
   Quadrature Decoder/Counter Interface ICs
HCTL2000 HP-HCTL2000 Datasheet
335Kb / 19P
   Quadrature Decoder/Counter Interface ICs
HCTL-2016 HP-HCTL-2016 Datasheet
217Kb / 2P
   Surface Mount Quadrature Decoder/Counter Interface ICs
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
   32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7366 LSI-LS7366 Datasheet
83Kb / 10P
   32 BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com