Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC912D60PMFU8 Datasheet (PDF) - Freescale Semiconductor, Inc

MC912D60PMFU8 Datasheet PDF - Freescale Semiconductor, Inc
No. de pieza MC912D60PMFU8
Descarga  MC912D60PMFU8 Descarga

Tamaño del archivo   4018.38 Kbytes
Page   460 Pages
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Descripción Electrónicos HC12 Microcontrollers

MC912D60PMFU8 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC912D60PMFU8 Datasheet PDF - Freescale Semiconductor, Inc

No. de pieza MC912D60PMFU8
Descarga  MC912D60PMFU8 Click to download

Tamaño del archivo   4018.38 Kbytes
Page   460 Pages
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Descripción Electrónicos HC12 Microcontrollers

MC912D60PMFU8 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MC912D60PMFU8 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC912D60PMFU8 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC912D60PMFU8 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC912D60PMFU8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC912D60PMFU8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC912D60PMFU8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC912D60PMFU8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC912D60PMFU8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC912D60PMFU8 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC912D60PMFU8 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MC912D60PMFU8 Detalles de producto

Introduction

The MC68HC912D60A microcontroller unit (MCU) is a 16-bit device available in two package options, 80-pin QFP and 112-pin TQFP. On chip peripherals include a 16-bit central processing unit (CPU12), 60K bytes of flash EEPROM, 2K bytes of RAM, 1K bytes of EEPROM, two asynchronous serial communication interfaces (SCI), a serial peripheral interface (SPI), an enhanced capture timer (ECT), two (one on 80QFP) 8-channel,10-bit analog-to-digital converters (ATD), a four-channel pulse-width modulator (PWM), and a CAN 2.0 A, B software compatible module (MSCAN12). System resource mapping, clock generation, interrupt control and bus interfacing are managed by the lite integration module (LIM). The MC68HC912D60A has full 16-bit data paths throughout, however, the external bus can operate in an 8-bit narrow mode so single 8-bit wide memory can be interfaced for lower cost systems. The inclusion of a PLL circuit allows power consumption and performance to be adjusted to suit operational requirements. In addition to the I/O ports available in each module, 16 (2 on 80QFP) I/O port pins are available with Key-Wake-Up capability from STOP or WAIT mode.



Features

• 16-bit CPU12

   – Upward compatible with M68HC11 instruction set

   – Interrupt stacking and programmer’s model identical to M68HC11

   – 20-bit ALU

   – Instruction queue

   – Enhanced indexed addressing

• Multiplexed bus

   – Single chip or expanded

   – 16 address/16 data wide or 16 address/8 data narrow mode

• Two 8-bit ports with key wake-up interrupt (2 pins only are available on 80QFP) and one I2C start bit detector (112TQFP only)

• Memory

   – 60K byte flash EEPROM, made of a 28K module and a 32K module with 8K bytes protected BOOT section in each module (MC68HC912D60A)

   – 1K byte EEPROM

   – 2K byte RAM

• Analog-to-digital converters

   – 2 x 8-channels, 10-bit resolution in 112TQFP

   – 1 x 8-channels, 8-bit resolution in 80QFP

• 1M bit per second, CAN 2.0 A, B software compatible module

   – Two receive and three transmit buffers

   – Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit

   – Four separate interrupt channels for Rx, Tx, error and wake-up

   – Low-pass filter wake-up function

   – In 80QFP, only TxCAN and RxCAN pins are available

   – Loop-back for self test operation

   – Programmable link to a timer input capture channel, for time stamping and network synchronization.

• Enhanced capture timer (ECT)

   – 16-bit main counter with 7-bit prescaler

   – 8 programmable input capture or output compare channels; 4 of the 8 input captures with buffer

   – Input capture filters and buffers, three successive captures on four channels, or two captures on four channels with a capture/compare selectable on the remaining four

   – Four 8-bit or two 16-bit pulse accumulators

   – 16-bit modulus down-counter with 4-bit prescaler

   – Four user-selectable delay counters for signal filtering

• 4 PWM channels with programmable period and duty cycle

   – 8-bit 4-channel or 16-bit 2-channel

   – Separate control for each pulse width and duty cycle

   – Center- or left-aligned outputs

   – Programmable clock select logic with a wide range of frequencies

• Serial interfaces

   – Two asynchronous serial communications interfaces (SCI)

   – MI-Bus implemented on final devices

   – Synchronous serial peripheral interface (SPI)

• LIM (light integration module)

   – WCR (windowed COP watchdog, real time interrupt, clock monitor)

   – ROC (reset and clocks)

   – MEBI (multiplexed external bus interface)

   – MBI (internal bus interface and map)

   – INT (interrupt control)

• Clock generation

   – Phase-locked loop clock frequency multiplier

   – Limp home mode in absence of external clock

   – Slow mode divider

   – Low power 0.5 to 16 MHz crystal oscillator reference clock

   – Option of a Pierce or Colpitts oscillator

• 112-Pin TQFP package or 80-pin QFP package

   – Up to 68 general-purpose I/O lines, plus up to 18 input-only lines in 112TQFP or Up to 48 general-purpose I/O lines, plus up to 10 input-only lines in 80QFP

• 8MHz operation at 5V

• Development support

   – Single-wire background debug™ mode (BDM)

   – On-chip hardware breakpoints



 




Número de pieza similar - MC912D60PMFU8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC912D60PMFU8 FREESCALE-MC912D60PMFU8 Datasheet
2Mb / 460P
   Technical Data
More results


Descripción similar - MC912D60PMFU8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC912D60AVPVE8 FREESCALE-MC912D60AVPVE8 Datasheet
2Mb / 460P
   HC12 Microcontrollers
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
More results




Acerca de Freescale Semiconductor, Inc


Freescale Semiconductor fue una compañía de semiconductores estadounidenses que fue fundada en 1948.
La compañía fue un proveedor líder de microcontroladores, sensores y otros productos de semiconductores para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
Los productos de Freescale eran conocidos por su alto rendimiento, bajo consumo de energía y un pequeño factor de forma.
La compañía fue adquirida por NXP Semiconductores en 2015, y sus productos y tecnologías continúan desarrollándose y vendiendo bajo la marca NXP.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com