Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MH1S64CWXTJ-12 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH1S64CWXTJ-12 Datasheet PDF - Mitsubishi Electric Semiconductor
No. de pieza MH1S64CWXTJ-12
Descarga  MH1S64CWXTJ-12 Descarga

Tamaño del archivo   683.84 Kbytes
Page   45 Pages
Fabricante Electrónico  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Descripción Electrónicos 67108864-BIT (1048576-WORD BY 64-BIT)SynchronousDRAM

MH1S64CWXTJ-12 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MH1S64CWXTJ-12 Datasheet PDF - Mitsubishi Electric Semiconductor

No. de pieza MH1S64CWXTJ-12
Descarga  MH1S64CWXTJ-12 Click to download

Tamaño del archivo   683.84 Kbytes
Page   45 Pages
Fabricante Electrónico  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Descripción Electrónicos 67108864-BIT (1048576-WORD BY 64-BIT)SynchronousDRAM

MH1S64CWXTJ-12 Datasheet (HTML) - Mitsubishi Electric Semiconductor

Back Button MH1S64CWXTJ-12 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH1S64CWXTJ-12 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH1S64CWXTJ-12 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH1S64CWXTJ-12 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH1S64CWXTJ-12 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH1S64CWXTJ-12 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH1S64CWXTJ-12 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH1S64CWXTJ-12 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH1S64CWXTJ-12 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH1S64CWXTJ-12 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

MH1S64CWXTJ-12 Detalles de producto

DESCRIPTION
The MH1S64CWXTJ is 1048576-word by 64-bit Synchronous DRAM module. This consists of four industry standard 1Mx16 Synchronous DRAMs in TSOP and one industory standard EEPROM in TSSOP.
The mounting of TSOP on a card edge Dual Inline package provides any application where high densities and large quantities of memory are required.
This is a socket type - memory modules, suitable for easy interchange or addition of modules.

FEATURES

• Utilizes industry standard 1M x 16 Synchronous DRAMs TSOP and industry standard EEPROM in TSSOP
• 168-pin (84-pin dual in-line package)
• single 3.3V±0.3V power supply
• Clock frequency 83MHz/67MHz
• Fully synchronous operation referenced to clock rising edge
• Dual bank operation controlled by BA(Bank Address)
• /CAS latency- 1/2/3(programmable)
• Burst type- sequential / interleave(programmable)
• Burst length- 1/2/4/8(programmable)
• Column access - random
• Auto precharge / All bank precharge controlled by A10
• Auto refresh and Self refresh
• 4096 refresh cycle /64ms
• LVTTL Interface

APPLICATION
    main memory or graphic memory in computer systems




Número de pieza similar - MH1S64CWXTJ-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
MH1S72CPG-10 MITSUBISHI-MH1S72CPG-10 Datasheet
681Kb / 47P
   75497472-BIT (1048576-WORD BY 72-BIT)SynchronousDRAM
MH1S72CPG-12 MITSUBISHI-MH1S72CPG-12 Datasheet
681Kb / 47P
   75497472-BIT (1048576-WORD BY 72-BIT)SynchronousDRAM
MH1S72CPG-15 MITSUBISHI-MH1S72CPG-15 Datasheet
681Kb / 47P
   75497472-BIT (1048576-WORD BY 72-BIT)SynchronousDRAM
More results


Descripción similar - MH1S64CWXTJ-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
MH64S64APFH-6 MITSUBISHI-MH64S64APFH-6 Datasheet
604Kb / 52P
   4294967296-BIT (67108864 - WORD BY 64-BIT)SynchronousDRAM
MH1S72CPG-10 MITSUBISHI-MH1S72CPG-10 Datasheet
681Kb / 47P
   75497472-BIT (1048576-WORD BY 72-BIT)SynchronousDRAM
MH8S64DBKG-7 MITSUBISHI-MH8S64DBKG-7 Datasheet
688Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH4S64DBKG-7 MITSUBISHI-MH4S64DBKG-7 Datasheet
681Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKD-10 MITSUBISHI-MH8S64BBKD-10 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PHB-7 MITSUBISHI-MH16S64PHB-7 Datasheet
589Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH8S64QFC-7 MITSUBISHI-MH8S64QFC-7 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7 MITSUBISHI-MH8S64AQFC-7 Datasheet
670Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BKG-10 MITSUBISHI-MH4S64BKG-10 Datasheet
572Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PFC-7 MITSUBISHI-MH16S64PFC-7 Datasheet
583Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com