Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U-04781 Datasheet (PDF) - Turck, Inc.

U-04781 Datasheet PDF - Turck, Inc.
No. de pieza U-04781
Descarga  U-04781 Descarga
Tamaño del archivo   2993.92 Kbytes
Page   7 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Contactless EncoderSSI Premium Line

U-04781 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
U-04781 Datasheet PDF - Turck, Inc.

No. de pieza U-04781
Descarga  U-04781 Click to download

Tamaño del archivo   2993.92 Kbytes
Page   7 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Contactless EncoderSSI Premium Line

U-04781 Datasheet (HTML) - Turck, Inc.


U-04781 Detalles de producto

Features
■Compact, rugged housing
■Many mounting possibilities
■Status displayed via LED
■Positioning element and aluminium ring not
incl.
■SSI output
■25 bit, Gray-coded
■SSI clock rate: 62.5 KHz … 1 MHz
■Single or multiturn, length of data frame and
bit coding parametrizable via PACTware
with programming box USB-2-IOL-0002 and
adapter cable RKC8.302T-1,5-RSC4T/TX320
■Default settings: Singleturn Bit 0 … Bit 15,
Multiturn Bit 16 … Bit 21, Status Bit 22 … Bit
24
■Zero point, sync./async. operating mode
adjustable via Easy Teach
■Compatible with all standard SSI masters
■In sync. mode, jitter < 5 µs required on the
master side
■Immune to electromagnetic interference
■15…30 VDC
■Male M12 x 1, 8-pin
Functional principle
The measuring principle of inductive encoders
is based on oscillation circuit coupling
between the positioning element and the
sensor, whereby an output signal is provided
proportional to the angle of the positioning
element. Turck refers to semi-multiturn because
the multiturn process data is calculated
internally from the number of single-turn
zero passes. Because the sensor does not
detect any revolutions when not supplied
with power, the plausibility of the multiturn
process data is indicated by a diagnostic
bit. The rugged sensors are maintenanceand wear-free thanks to the contactless
operating principle. They convince through
their excellent repeatability, resolution and
linearity within a broad temperature range. The
innovative technology ensures high immunity to
electromagnetic DC and AC fields.




Número de pieza similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 7P
Contactless Encoder with Stainless Steel Housing – SSI Premium Line
11/07/2023
U-04781 TURCK-U-04781 Datasheet
2Mb / 6P
Contactless Encoder – Incremental: 1 … 5000 ppr Premium Line
11/07/2023
More results


Descripción similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HEDL-550 HP-HEDL-550 Datasheet
79Kb / 4P
Encoder Line Drivers
logo
Vishay Siliconix
MODEL120E VISHAY-MODEL120E Datasheet
314Kb / 3P
Incremental Optical Encoder Contactless Technology (128 Pulses per Turn)
Revision: 20-Mar-07
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-550X AVAGO-HEDL-550X Datasheet
123Kb / 4P
Encoder Line Drivers
logo
ams AG
AS5245 AMSCO-AS5245_1 Datasheet
877Kb / 31P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-601B AVAGO-AEAT-601B Datasheet
262Kb / 5P
Incremental Magnetic Encoder Contactless sensing technology
logo
ams AG
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
12-bit Programmable Contactless Encoder
logo
Agilent(Hewlett-Packard...
HEDL-550X HP-HEDL-550X Datasheet
73Kb / 4P
Encoder Line Drivers
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-556X AVAGO-HEDL-556X Datasheet
179Kb / 4P
Encoder Line Drivers
logo
ams AG
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
logo
NHP Electrical Engineer...
1734-SSI NHP-1734-SSI Datasheet
482Kb / 1P
POINT I/O SSI ABSOLUTE ENCODER INTERFACE MODULE
7 June 2023,
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com