Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U-04781 Datasheet (PDF) - Turck, Inc.

U-04781 Datasheet PDF - Turck, Inc.
No. de pieza U-04781
Descarga  U-04781 Descarga
Tamaño del archivo   1821.47 Kbytes
Page   7 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Contactless Encoder with Stainless Steel HousingSSI Premium Line

U-04781 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
U-04781 Datasheet PDF - Turck, Inc.

No. de pieza U-04781
Descarga  U-04781 Click to download

Tamaño del archivo   1821.47 Kbytes
Page   7 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Contactless Encoder with Stainless Steel HousingSSI Premium Line

U-04781 Datasheet (HTML) - Turck, Inc.


U-04781 Detalles de producto

Features
■Compact, rugged housing
■Active face, plastic PA12-GF30
■Housing, stainless steel V4A (1.4404)
■Status displayed via LED
■SSI output
■25 bit, Gray-coded
■SSI clock rate: 62.5 KHz … 1 MHz
■Single or multiturn, length of data frame and
bit coding parametrizable via PACTware
with programming box USB-2-IOL-0002 and
adapter cable RKC8.302T-1,5-RSC4T/TX320
■Default settings: Singleturn Bit 0 … Bit 15,
Multiturn Bit 16 … Bit 21, Status Bit 22 … Bit
24
■Zero point, sync./async. operating mode
adjustable via Easy Teach
■Compatible with all standard SSI masters
■In sync. mode, jitter < 5 µs required on the
master side
■Immune to electromagnetic interference
■15…30 VDC
■Male M12 x 1, 8-pin
Functional principle
The measuring principle of inductive encoders
is based on oscillation circuit coupling
between the positioning element and the
sensor, whereby an output signal is provided
proportional to the angle of the positioning
element. Turck refers to semi-multiturn because
the multiturn process data is calculated
internally from the number of single-turn
zero passes. Because the sensor does not
detect any revolutions when not supplied
with power, the plausibility of the multiturn
process data is indicated by a diagnostic
bit. The rugged sensors are maintenanceand wear-free thanks to the contactless
operating principle. They convince through
their excellent repeatability, resolution and
linearity within a broad temperature range. The
innovative technology ensures high immunity to
electromagnetic DC and AC fields.




Número de pieza similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
2Mb / 6P
Contactless Encoder – Incremental: 1 … 5000 ppr Premium Line
11/07/2023
U-04781 TURCK-U-04781 Datasheet
2Mb / 7P
Contactless Encoder – SSI Premium Line
11/07/2023
More results


Descripción similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
EI0401NPCSS ETC2-EI0401NPCSS Datasheet
72Kb / 2P
Proximity Sensors Inductive Stainless Steel Housing
EI0601NACS ETC2-EI0601NACS Datasheet
63Kb / 2P
Proximity Sensors Inductive Stainless Steel Housing
EI3010PPCSL ETC2-EI3010PPCSL Datasheet
145Kb / 3P
Proximity Sensors Inductive Stainless Steel Housing
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
STAINLESS STEEL
logo
Marl International Limi...
520 MARL-520 Datasheet
423Kb / 5P
횠6.1mm mounting Robust stainless steel housing
524 MARL-524 Datasheet
434Kb / 5P
횠8.1mm mounting Robust stainless steel housing
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
Robust stainless steel housing
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
Stainless Steel housing
logo
Carlo Gavazzi Holding A...
EC3025TBASL-6 CARLOGAVAZZI-EC3025TBASL-6 Datasheet
325Kb / 3P
Proximity Sensors Capacitive Stainless Steel Housing
EC3025PPASL-1 CARLOGAVAZZI-EC3025PPASL-1 Datasheet
365Kb / 3P
Proximity Sensors Capacitive Stainless Steel Housing
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com