Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX96716A Datasheet (PDF) - Analog Devices

MAX96716A Datasheet PDF - Analog Devices
No. de pieza MAX96716A
Descarga  MAX96716A Descarga
Tamaño del archivo   4572.87 Kbytes
Page   354 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos Dual GMSL2 to CSI-2 Deserializer

MAX96716A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MAX96716A Datasheet PDF - Analog Devices

No. de pieza MAX96716A
Descarga  MAX96716A Click to download

Tamaño del archivo   4572.87 Kbytes
Page   354 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos Dual GMSL2 to CSI-2 Deserializer

MAX96716A Datasheet (HTML) - Analog Devices


MAX96716A Detalles de producto

General Description
The MAX96716A converts dual GMSL2 serial inputs to
MIPI CSI-2. It also transmits and receives control-channel
data, enabling transmission of forward-path video and
bidirectional control data. The GMSL2 link operates at a
fixed rate of 6Gbps or 3Gbps in the forward direction, and
187.5Mbps in the reverse direction.
The GMSL™ inputs operate independently, allowing video
with different timing and resolution to be received on each
input.
Video data from both inputs can be aggregated for output
on a single CSI-2 port or replicated on a second port for
redundant processing.
The device and connected serializer are programmed
through I2C or UART.
Operation is specified over the automotive temperature
range of -40°C to +105°C and the device is AEC-Q100
qualified.
Data may be transmitted over low-cost 50Ω Coax or 100Ω
STP cables that meet the GMSL2 channel specification.
Contact the factory for the GMSL2 channel specification.

Benefits and Features
● Full-Duplex Capability over a Single Coax or STP
Cable
• 3Gbps or 6Gbps Forward Link Rates
• 187.5Mbps Reverse Link Rate
● Dual Four-Lane D-PHY or Dual Two-Lane C-PHY
MIPI CSI-2 v1.3 Output Ports
• Aggregation and Replication Functions
• 16 Virtual Channel Support
• Supports RAW8/10/12/14/16/20, RGB565/666/888,
YUV422 8-/10-Bit, User-Defined and Generic Long-
Packet Data Types
● Advanced MIPI D-PHY v1.2 Transmitters
• 80Mbps to 2.5Gbps per Lane
● Advanced MIPI C-PHY v1.0 Transmitters
• 182Mbps to 4.56Gbps per Lane
● Reference-over-Reverse (RoR) Channel Supports
Crystal-Free Operation of Serializer
● ASIL-Relevant Functional-Safety Features
• ASIL-B Compliant
• End-to-End Data Integrity Through CRC in Tunnel
Mode
• R-S FEC for Protection of Forward Video and
Control-Channel Data
• 16-Bit CRC Protection of Side-Channel Data (I2C,
UART, SPI, GPIO) with Retransmission upon Error
Detection
• 32-Bit CRC Protection of Video Line Data
● Forward- and Reverse-Channel PRBS for BER
Testing of Serial Link
● Continuous Link-Margin Monitoring and Optimization
• Continuous Adaptive Equalization
• Forward and Reverse Channel Eye-Opening
Monitor for Continuous Link Margin Diagnosis
● Concurrent Side-Channel for Device Configuration
and Communication with Peripherals
• I2C/UART, Pass-Through I2C/UART, SPI, GPIO,
and Register-Programmable GPIO
• Four Hardware-Programmable Device Addresses
● 48-Lead 7mm x 7mm TQFN Side-Wettable Package
with 0.5mm Lead Pitch

Applications
● ADAS (2MP+/4MP 60fps) Camera Systems
● Satellite LiDAR and RADAR Systems
● 8MP 40fps Forward-Vision Camera (FVC) Systems
● Surround-View Systems (SVS)
● Driver-Monitor Systems (DMS)
● Systems with Multiple Synchronized Cameras




Número de pieza similar - MAX96716A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
MAX96716F AD-MAX96716F Datasheet
4Mb / 354P
Dual GMSL2 to CSI-2 Deserializer
Rev 2; 11/23
More results


Descripción similar - MAX96716A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
FPD-Link III to CSI-2 Deserializer
DS90UB936-Q1 TI1-DS90UB936-Q1 Datasheet
1Mb / 151P
Dual, 2.5 Gbps, FPD-Link III Deserializer Hub With MIPI CSI-2 Outputs
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
1Mb / 85P
1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
1080p FPD-Link III to CSI-2 deserializer
logo
Analog Devices
MAX96724 AD-MAX96724 Datasheet
4Mb / 474P
Quad Tunneling GMSL2/1 to CSI-2 Deserializer
Rev 4; 1/23
MAX96717R AD-MAX96717R Datasheet
1Mb / 142P
CSI-2 to GMSL2 Serializer
19-101157; Rev 1; 3/23
MAX96714 AD-MAX96714 Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
Rev 2; 5/23
MAX96714 AD-MAX96714_V01 Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
19-101134; Rev 2; 6/23
MAX96717 AD-MAX96717 Datasheet
6Mb / 235P
CSI-2 to GMSL2 Serializer
19-100942; Rev 4; 5/23
More results




Acerca de Analog Devices


Analog Devices, Inc. (ADI) es una empresa que cotiza en bolsa que diseña, desarrolla y fabrica circuitos integrados (ICS) analógicos, de señal mixtos y digitales (DSP).
La compañía fue fundada en 1965 y tiene su sede en Norwood, Massachusetts.
ADI sirve una amplia gama de industrias, incluidas aeroespaciales y defensa, automotriz, comunicaciones, consumidores, industriales, médicos y pruebas y medidas.
La cartera de productos de la compañía incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y radiofrecuencia (RF) y componentes de microondas, entre otros.
ADI se dedica a la innovación y la satisfacción del cliente, y se compromete a proporcionar a sus clientes soluciones confiables y de alta calidad para satisfacer sus necesidades.
Con un enfoque en la eficiencia energética y la sostenibilidad, ADI es un líder en la industria de IC analógicas y de señal mixta, impulsando los avances tecnológicos y proporcionando soluciones innovadoras a los problemas más desafiantes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com