Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S29GL032M10TBCR22 Datasheet (PDF) - SPANSION

S29GL032M10TBCR22 Datasheet PDF - SPANSION
No. de pieza S29GL032M10TBCR22
Descarga  S29GL032M10TBCR22 Descarga

Tamaño del archivo   4564.0 Kbytes
Page   116 Pages
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION
Descripción Electrónicos 256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology

S29GL032M10TBCR22 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
S29GL032M10TBCR22 Datasheet PDF - SPANSION

No. de pieza S29GL032M10TBCR22
Descarga  S29GL032M10TBCR22 Click to download

Tamaño del archivo   4564.0 Kbytes
Page   116 Pages
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION
Descripción Electrónicos 256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology

S29GL032M10TBCR22 Datasheet (HTML) - SPANSION

Back Button S29GL032M10TBCR22 Datasheet HTML 1Page - SPANSION S29GL032M10TBCR22 Datasheet HTML 2Page - SPANSION S29GL032M10TBCR22 Datasheet HTML 3Page - SPANSION S29GL032M10TBCR22 Datasheet HTML 4Page - SPANSION S29GL032M10TBCR22 Datasheet HTML 5Page - SPANSION S29GL032M10TBCR22 Datasheet HTML 6Page - SPANSION S29GL032M10TBCR22 Datasheet HTML 7Page - SPANSION S29GL032M10TBCR22 Datasheet HTML 8Page - SPANSION S29GL032M10TBCR22 Datasheet HTML 9Page - SPANSION S29GL032M10TBCR22 Datasheet HTML 10Page - SPANSION Next Button 

S29GL032M10TBCR22 Detalles de producto

256 Megabit, 128 Megabit, 64 Megabit, and 32 Megabit, 3.0 Volt-only Page Mode Flash Memory featuring 0.23 µm MirrorBit Process Technology

General Description
The S29GL256/128/064/032M family of devices are 3.0 V single power Flash memory manufactured using 0.23 µm MirrorBit technology. The S29GL256M is a 256†Mbit, organized as 16,777,216 words or 33,554,432 bytes. The S29GL128M is a 128 Mbit, organized as 8,388,608 words or 16,777,216 bytes. The S29GL064M is a 64 Mbit, organized as 4,194,304 words or 8,388,608 bytes. The S29GL032M is a 32 Mbit, organized as 2,097,152 words or 4,194,304 bytes. Depending on the model number, the devices have an 8-bit wide data bus only, 16-bit wide data bus only, or a 16-bit wide data bus that can also function as an 8-bit wide data bus by using the BYTE# input. The devices can be programmed either in the host system or in standard EPROM programmers.

Distinctive Characteristics
Architectural Advantages
■ Single power supply operation
   — 3 volt read, erase, and program operations
■ Manufactured on 0.23 µm MirrorBit process technology
■ Secured Silicon Sector region
   — 128-word/256-byte sector for permanent, secure identification through an 8-word/16-byte random Electronic Serial Number, accessible through a command sequence
   — May be programmed and locked at the factory or by the customer
■ Flexible sector architecture
   — 256 Mb: 512 32-Kword (64 Kbyte) sectors
   — 128 Mb: 256 32-Kword (64 Kbyte) sectors
   — 64 Mb (uniform sector models): 128 32-Kword (64-Kbyte) sectors or 128 32 Kword sectors
   — 64 Mb (boot sector models): 127 32-Kword (64-Kbyte) sectors + 8 4Kword (8Kbyte) boot sectors
   — 32 Mb (uniform sector models): 64 32-Kword (64-Kbyte) sectors of 64 32-Kword sectors
   — 32 Mb (boot sector models): 63 32-Kword (64 Kbyte) sectors + 8 4-Kword (8-Kbyte) boot sectors
■ Compatibility with JEDEC standards
   — Provides pinout and software compatibility for single power supply flash, and superior inadvertent write protection
■ 100,000 erase cycles typical per sector
■ 20-year data retention typical

Performance Characteristics
■ High performance
   — 90 ns access time (128 Mb, 64 Mb, 32 Mb), 100 ns access time (256 Mb)
   — 4-word/8-byte page read buffer
   — 25 ns page read times (128 Mb, 64 Mb, 32 Mb)
   — 30 ns page read times (256 Mb)
   — 16-word/32-byte write buffer
   — 16-word/32-byte write buffer reduces overall programming time for multiple-word updates
■ Low power consumption (typical values at 3.0 V, 5 MHz)
   — 18 mA typical active read current (64 Mb, 32 Mb)
   — 25 mA typical active read current (256 Mb, 128 Mb)
   — 50 mA typical erase/program current
   — 1 µA typical standby mode current
■ Package options
   — 40-pin TSOP
   — 48-pin TSOP
   — 56-pin TSOP
   — 64-ball Fortified BGA
   — 48-ball fine-pitch BGA
   — 63-ball fine-pitch BGA

Software & Hardware Features
■ Software features
   — Program Suspend & Resume: read other sectors before programming operation is completed
   — Erase Suspend & Resume: read/program other sectors before an erase operation is completed
   — Data# polling & toggle bits provide status
   — CFI (Common Flash Interface) compliant: allows host system to identify and accommodate multiple flash devices
   — Unlock Bypass Program command reduces overall multiple-word programming time
■ Hardware features
   — Sector Group Protection: hardware-level method of preventing write operations within a sector group
   — Temporary Sector Unprotect: VID-level method of charging code in locked sectors
   — WP#/ACC input accelerates programming time (when high voltage is applied) for greater throughput during system production. Protects first or last sector regardless of sector protection settings on uniform sector models
   — Hardware reset input (RESET#) resets device
   — Ready/Busy# output (RY/BY#) detects program or erase cycle completion




Número de pieza similar - S29GL032M10TBCR22

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S29GL032M10TBIR00 SPANSION-S29GL032M10TBIR00 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL032M10TBIR02 SPANSION-S29GL032M10TBIR02 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL032M10TBIR03 SPANSION-S29GL032M10TBIR03 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL032M10TBIR10 SPANSION-S29GL032M10TBIR10 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL032M10TBIR12 SPANSION-S29GL032M10TBIR12 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
More results


Descripción similar - S29GL032M10TBCR22

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com