Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BB-TG.30.8113 Datasheet (PDF) - Advantech Co., Ltd.

BB-TG.30.8113 Datasheet PDF - Advantech Co., Ltd.
No. de pieza BB-TG.30.8113
Descarga  BB-TG.30.8113 Descarga
Tamaño del archivo   609.31 Kbytes
Page   4 Pages
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Descripción Electrónicos FLEXIBLE, MODULAR LTE ROUTER

BB-TG.30.8113 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
BB-TG.30.8113 Datasheet PDF - Advantech Co., Ltd.

No. de pieza BB-TG.30.8113
Descarga  BB-TG.30.8113 Click to download

Tamaño del archivo   609.31 Kbytes
Page   4 Pages
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Descripción Electrónicos FLEXIBLE, MODULAR LTE ROUTER

BB-TG.30.8113 Datasheet (HTML) - Advantech Co., Ltd.


BB-TG.30.8113 Detalles de producto

+ Powerful CPU and enhanced memory
+ Extended operational temperature range from -40 °C to +75 °C
+ 10-60 VDC operation with transient and reverse polarity voltage
protection
+ Flexible port options – 3-port Switch, Ethernet and RS-232/422/485
serial ports with isolation
+ GPS and GLONASS support
+ MicroSD card holder, In/Out, USB Host
+ Low power consumption mode for solar and battery power applications
+ Optional industrial grade Wi-Fi
+ Optional PoE PSE or PoE PD on ETH0 and ETH1
+ Advanced security features




Número de pieza similar - BB-TG.30.8113

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
BB-TG.30.8113 ADVANTECH-BB-TG.30.8113 Datasheet
654Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
September 25, 2019 12:08 PM
More results


Descripción similar - BB-TG.30.8113

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Digi International Inc.
WR21 DIGI-WR21 Datasheet
595Kb / 5P
Compact, flexible, low-cost 3G/4G/LTE enterprise router for remote and mobile networking applications
logo
Advantech Co., Ltd.
ICR-3241 ADVANTECH-ICR-3241 Datasheet
604Kb / 4P
INDUSTRIAL IoT 4G LTE ROUTER & GATEWAY
June 3, 2020
SR300 ADVANTECH-SR300 Datasheet
305Kb / 2P
FLEXIBLE, MODULAR LAN ROUTER
December 7, 2017 10:46 AM
SR300 ADVANTECH-SR300_V01 Datasheet
363Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
February 15, 2018 10:23 AM
SR300 ADVANTECH-SR300_V02 Datasheet
409Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
October 23, 2019 3:27 PM
SR303 ADVANTECH-SR303_V04 Datasheet
654Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
September 25, 2019 12:08 PM
SR305 ADVANTECH-SR305 Datasheet
608Kb / 4P
FLEXIBLE, ADAPTABLE LTE ROUTER
February 27, 2018 9:06 AM
SR305 ADVANTECH-SR305_V01 Datasheet
639Kb / 4P
FLEXIBLE, ADAPTABLE LTE ROUTER
September 5, 2019 8:54 AM
EKI-1652WT ADVANTECH-EKI-1652WT Datasheet
532Kb / 2P
EN50155 Industrial M12 WiFi/LTE Router
8-Feb-2023
logo
Multi-Tech Systems, Inc...
86002199 MULTITECH-86002199 Datasheet
873Kb / 2P
LTE OnGo CBRS Industrial Cellular Router
2021-03
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com