Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC55V1864J Datasheet (PDF) - Toshiba Semiconductor

TC55V1864J Datasheet PDF - Toshiba Semiconductor
No. de pieza TC55V1864J_V01
Descarga  TC55V1864J Descarga
Tamaño del archivo   412.86 Kbytes
Page   7 Pages
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Descripción Electrónicos 65,536 WORD x 18 BIT CMOS STATIC RAM

TC55V1864J Datasheet (PDF)

Go To PDF Page Descarga Datasheet
TC55V1864J Datasheet PDF - Toshiba Semiconductor

No. de pieza TC55V1864J_V01
Descarga  TC55V1864J Click to download

Tamaño del archivo   412.86 Kbytes
Page   7 Pages
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Descripción Electrónicos 65,536 WORD x 18 BIT CMOS STATIC RAM

TC55V1864J Datasheet (HTML) - Toshiba Semiconductor


TC55V1864J Detalles de producto

Description
The TC55V1864J/FT is a 1,179,648 bit high speed CMOS static random access memory organized as 65,536 words by 18 bits
and operated from a single 3.3V supply. Toshiba's advanced CMOS technology and circuit design enable high speed operation.
The TC55V1864J/FT features low power dissipation when the device is deselected using chip enable (CE), and has an output
enable input (OE) for fast memory access. Byte access is supported by upper and lower byte controls.
The TC55V1864J/FT is suitable for use in high speed applications such as cache memory and high speed storage. All inputs and
outputs are LVTTL compatible.
The TC55V1864J/FT is available in a 400mil width, 44-pin plastic SOU and thin small outine package (forward type) suitable for
high density surface assembly.

Features
Fast access time
- TC55V1864J/FT-10
- TC55V1864J/FT-12
- TC55V1864J/FT-15
Low power dissipation
Cycle Time
10ns (max.)
12ns (max.)
15ns (max.)
10
12 15 20 30
Operation (max.) 260 220 200 180 150
- Standby:
1mA (max.)
• Single 3.3V power supply: 3.3V+0.3V
• Fully static operation
• Inputs and outputs LVTTL compatible
Output buffer control:
Data byte controls:
OE
LB, UB
• Package
- TC55V1864J: SOJ44-P-400
- TC55V1864FT: TSOP44-P-400
ns
mA




Número de pieza similar - TC55V1864J_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC55V1864J-15 TOSHIBA-TC55V1864J-15 Datasheet
463Kb / 10P
65,536-WORD BY 16-BIT CMOS STATIC RAM
More results


Descripción similar - TC55V1864J_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55V1664J TOSHIBA-TC55V1664J Datasheet
212Kb / 7P
65,536 WORD x 16 BIT CMOS STATIC RAM
TC55464AP TOSHIBA-TC55464AP Datasheet
159Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC551664J TOSHIBA-TC551664J Datasheet
394Kb / 7P
65,536 WORD x 16 BIT CMOS STATIC RAM
TC5562P TOSHIBA-TC5562P Datasheet
597Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC51864PL TOSHIBA-TC51864PL Datasheet
484Kb / 9P
65,536 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC55V1664FT-12 TOSHIBA-TC55V1664FT-12 Datasheet
429Kb / 9P
65,536-WORD BY 16-BIT CMOS STATIC RAM
TC55V1664J-12 TOSHIBA-TC55V1664J-12 Datasheet
426Kb / 9P
65,536-WORD BY 16-BIT CMOS STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ_V01 Datasheet
428Kb / 10P
65,536-WORD BY 16-BIT CMOS STATIC RAM
1998-06-17
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com