Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UHVS5020FKD500M Datasheet (PDF) - Stackpole Electronics, Inc.

UHVS5020FKD500M Datasheet PDF - Stackpole Electronics, Inc.
No. de pieza UHVS5020FKD500M
Descarga  UHVS5020FKD500M Descarga

Tamaño del archivo   519.01 Kbytes
Page   5 Pages
Fabricante Electrónico  SEI [Stackpole Electronics, Inc.]
Página de inicio  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Descripción Electrónicos Ultra-High Voltage Chip Resistor

UHVS5020FKD500M Datasheet (PDF)

Go To PDF Page Descarga Datasheet
UHVS5020FKD500M Datasheet PDF - Stackpole Electronics, Inc.

No. de pieza UHVS5020FKD500M
Descarga  UHVS5020FKD500M Click to download

Tamaño del archivo   519.01 Kbytes
Page   5 Pages
Fabricante Electrónico  SEI [Stackpole Electronics, Inc.]
Página de inicio  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Descripción Electrónicos Ultra-High Voltage Chip Resistor

UHVS5020FKD500M Datasheet (HTML) - Stackpole Electronics, Inc.

UHVS5020FKD500M Datasheet HTML 1Page - Stackpole Electronics, Inc. UHVS5020FKD500M Datasheet HTML 2Page - Stackpole Electronics, Inc. UHVS5020FKD500M Datasheet HTML 3Page - Stackpole Electronics, Inc. UHVS5020FKD500M Datasheet HTML 4Page - Stackpole Electronics, Inc. UHVS5020FKD500M Datasheet HTML 5Page - Stackpole Electronics, Inc.

UHVS5020FKD500M Detalles de producto

Features:
• Voltage ratings to 20000 Volts
• Resistance values to 10 Gohms
• Ultra-high stability
• Very low noise
• Tolerances to 1%
• Tolerances 10% and wider are typically untrimmed
• TCR to 100 ppm/ºC
• RoHS compliant and halogen free
• REACH compliant




Número de pieza similar - UHVS5020FKD500M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
UHV TDK-UHV Datasheet
49Kb / 3P
   Ultra-high Voltage Ceramic Capacitors Molded Type with Metal Terminals
UHV TDK-UHV Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
UHV-10A TDK-UHV-10A Datasheet
49Kb / 3P
   Ultra-high Voltage Ceramic Capacitors Molded Type with Metal Terminals
UHV-10A TDK-UHV-10A Datasheet
80Kb / 6P
   Ultra High Voltage Ceramic Capacitors
UHV-10A TDK-UHV-10A Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
More results


Descripción similar - UHVS5020FKD500M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HOKURIKU ELECTRIC INDUS...
HCR20-105JV HOKURIKU-HCR20-105JV Datasheet
157Kb / 1P
   High Voltage Type Chip Resistor
logo
Stackpole Electronics, ...
RMCP-UP SEI-RMCP-UP Datasheet
438Kb / 6P
   Thick Film Ultra High Power Chip Resistor
2/21/2022
logo
HOKURIKU ELECTRIC INDUS...
UCR16-10GMV HOKURIKU-UCR16-10GMV Datasheet
62Kb / 1P
   Flat Type Ultra-High Resistance Chip Resistor
logo
Stackpole Electronics, ...
HVC SEI-HVC Datasheet
267Kb / 5P
   High Voltage Thick Film Chip Resistor
11/18/2020
logo
List of Unclassifed Man...
HVCB2010FKC100M ETC2-HVCB2010FKC100M Datasheet
114Kb / 3P
   High Voltage Thick Film Chip Resistor
logo
MERITEK ELECTRONICS COR...
CRHV MERITEK-CRHV Datasheet
543Kb / 3P
   High Voltage Thick Film Chip Resistor
logo
NIC-Components Corp.
NRSNE NIC-NRSNE Datasheet
274Kb / 3P
   Ultra Miniature Chip Resistor Arrays
logo
Bourns Electronic Solut...
CHP-Q BOURNS-CHP-Q Datasheet
1Mb / 8P
   CHP-Q Series Ultra-High Power Chip Resistor
C1753 05/17/18R
logo
Vishay Siliconix
Y162612K7560T9R VISHAY-Y162612K7560T9R Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com