Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10XS4200 Datasheet (PDF) - NXP Semiconductors

MC10XS4200 Datasheet PDF - NXP Semiconductors
No. de pieza MC10XS4200
Descarga  MC10XS4200 Descarga

Tamaño del archivo   2086.63 Kbytes
Page   71 Pages
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors
Descripción Electrónicos Dual 24 V, 10 mOhm high-side switch

MC10XS4200 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC10XS4200 Datasheet PDF - NXP Semiconductors

No. de pieza MC10XS4200
Descarga  MC10XS4200 Click to download

Tamaño del archivo   2086.63 Kbytes
Page   71 Pages
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors
Descripción Electrónicos Dual 24 V, 10 mOhm high-side switch

MC10XS4200 Datasheet (HTML) - NXP Semiconductors

Back Button MC10XS4200 Datasheet HTML 1Page - NXP Semiconductors MC10XS4200 Datasheet HTML 2Page - NXP Semiconductors MC10XS4200 Datasheet HTML 3Page - NXP Semiconductors MC10XS4200 Datasheet HTML 4Page - NXP Semiconductors MC10XS4200 Datasheet HTML 5Page - NXP Semiconductors MC10XS4200 Datasheet HTML 6Page - NXP Semiconductors MC10XS4200 Datasheet HTML 7Page - NXP Semiconductors MC10XS4200 Datasheet HTML 8Page - NXP Semiconductors MC10XS4200 Datasheet HTML 9Page - NXP Semiconductors MC10XS4200 Datasheet HTML 10Page - NXP Semiconductors Next Button 

MC10XS4200 Detalles de producto

The 10XS4200 device is part of a 24 V dual high-side switch product family with integrated control, and a high number of protective and diagnostic functions. It has been designed for truck, bus, and industrial applications. The low RDS(ON) channels (<10 mΩ) can control different load types; bulbs, solenoids, or DC motors. Control, device configuration, and diagnostics are performed through a 16-bit serial peripheral interface (SPI), allowing easy integration into existing applications. This device is powered by SMARTMOS technology.
Both channels can be controlled individually by external or internal clock signals, or by direct inputs. Using the internal clock allows fully autonomous device operation. Programmable output voltage slew-rates (individually programmable) helps improve electromagnetic compatibility (EMC) performance. To avoid shutting off the device upon inrush current, while still being able to closely track the load current, a dynamic overcurrent threshold profile is featured. Switching current of each channel can be sensed with a programmable sensing ratio. Whenever communication with the external microcontroller is lost, the device enters a Fail-safe operation mode, but remains operational, controllable, and protected.

Features
•Two fully protected 10 mΩ (@ 25 °C) high-side switches
•Up to 8.5 A steady state current per channel
•Separate bulb and DC motor latched overcurrent handling
•Individually programmable internal/external PWM clock signals
•Overcurrent, short-circuit, and overtemperature protection with programmable autoretry functions
•Accurate temperature and current sensing
•Openload detection (channel in OFF and ON state), also for LED applications (7.0 mA typ.)
•Normal operating range: 8.0 to 36 V, extended range: 6.0 to 58 V
•3.3 V and 5.0 V compatible 16-bit SPI port for device control,
configuration and diagnostics at rates up to 8.0 MHz




Número de pieza similar - MC10XS4200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
More results


Descripción similar - MC10XS4200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
logo
NXP Semiconductors
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
logo
NXP Semiconductors
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC22XS4200 NXP-MC22XS4200_V01 Datasheet
1Mb / 64P
   Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
MC20XS4200 NXP-MC20XS4200_V01 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200 NXP-MC20XS4200 Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
More results




Acerca de NXP Semiconductors


NXP Semiconductors es una empresa multinacional que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de semiconductores y circuitos integrados para diversas aplicaciones, incluidos los mercados automotrices, industriales, de comunicaciones y de consumo.

La compañía fue fundada en 2006 y tiene su sede en Eindhoven, Países Bajos.

NXP ofrece una amplia cartera de productos, incluidos microcontroladores, microprocesadores, IC de autenticación seguros, ICS de administración de energía, componentes de RF y microondas, y soluciones de sensores, entre otros.

Los productos de la compañía están diseñados para ser eficientes en energía, seguros y confiables, y se utilizan en una variedad de aplicaciones, incluidos sistemas automotrices, automatización y control industrial, casas y edificios inteligentes, y dispositivos conectados.

NXP se dedica a la innovación y la satisfacción del cliente, y se compromete a proporcionar a sus clientes las mejores soluciones de semiconductores para satisfacer sus necesidades.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com