| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 TE Connectivity Ltd |
86BSD
|
213Kb / 5P |
Stainless steel with O-ring seal
|
|
U86B
|
253Kb / 7P |
Mountable with O-ring seal
|
 HARTING Technology Grou... |
09-20-003-5432
|
471Kb / 2P |
Han 3A-metal cover with seal
|
|
09-36-003-5409
|
486Kb / 2P |
Han Ex-C for HCC Han 3A with seal
|
|
19-20-003-0421
|
496Kb / 2P |
Han 3A-HTE (7-12mm) black seal hood
|
|
19-20-003-1443
|
469Kb / 2P |
Han 3A Hood Top Entry M20 glued seal
|
|
19-44-003-1443
|
454Kb / 2P |
Han INOX 3A TE Hood M20 w/seal
|
|
09-21-000-9906
|
445Kb / 1P |
FPM Seal for Han 3A Insert
2021-10-01 |
|
09-14-000-9952
|
455Kb / 1P |
Han-Modular Pneumatic O-Ring 6mm
2021-10-01 |
|
09-15-503-9905
|
454Kb / 1P |
O-ring seal for FB silicon
2021-10-05 |