Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
WAGO Kontakttechnik Gmb... |
787-870
|
184Kb / 10P |
UPS charger and controller; 24 VDC input voltage; 24 VDC output voltage;
|
787-881
|
549Kb / 9P |
capacitive buffer module; 24 VDC input voltage; 24 VDC output voltage
|
787-880
|
453Kb / 8P |
capacitive buffer module; 24 VDC input voltage; 24 VDC output voltage
|
787-916
|
299Kb / 6P |
capacitive buffer module; 24 VDC input voltage; 24 VDC output voltage;
|
859-720
|
342Kb / 11P |
Optocoupler module; Nominal input voltage: 24 VDC; Output voltage range: 0 ??24 VDC
|
859-708
|
488Kb / 10P |
Optocoupler module; Nominal input voltage: 24 VDC; Output voltage range: 0 ??24 VDC
|
859-758
|
502Kb / 10P |
Optocoupler module; Nominal input voltage: 24 VDC; Output voltage range: 0 ??24 VDC
|
859-804
|
105Kb / 6P |
DC/DC Converter; 12 VDC input voltage; 24 VDC output voltage
18.10.2021 |
787-2801
|
390Kb / 6P |
DC/DC Converter; 24 VDC input voltage; 5 VDC output voltage
|
787-2802
|
388Kb / 6P |
DC/DC Converter; 24 VDC input voltage; 10 VDC output voltage
|