Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

O3HK Datasheet (PDF) - Fox Electronics

O3HK Datasheet PDF - Fox Electronics
No. de pieza O3HK
Descarga  O3HK Descarga

Tamaño del archivo   263.68 Kbytes
Page   5 Pages
Fabricante Electrónico  FOX [Fox Electronics]
Página de inicio  http://www.foxonline.com
Logo FOX - Fox Electronics
Descripción Electrónicos HCMOS 32.768kHz 3.2x2.5mm Oscillator

O3HK Datasheet (PDF)

Go To PDF Page Descarga Datasheet
O3HK Datasheet PDF - Fox Electronics

No. de pieza O3HK
Descarga  O3HK Click to download

Tamaño del archivo   263.68 Kbytes
Page   5 Pages
Fabricante Electrónico  FOX [Fox Electronics]
Página de inicio  http://www.foxonline.com
Logo FOX - Fox Electronics
Descripción Electrónicos HCMOS 32.768kHz 3.2x2.5mm Oscillator

O3HK Datasheet (HTML) - Fox Electronics

O3HK Datasheet HTML 1Page - Fox Electronics O3HK Datasheet HTML 2Page - Fox Electronics O3HK Datasheet HTML 3Page - Fox Electronics O3HK Datasheet HTML 4Page - Fox Electronics O3HK Datasheet HTML 5Page - Fox Electronics



Número de pieza similar - O3HK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fox Electronics
O3HA FOX-O3HA Datasheet
309Kb / 6P
   3.2x2.5mm Auto Grade Oscillator
O3HL FOX-O3HL Datasheet
242Kb / 3P
   HCMOS 3.2x2.5mm SMD Oscillator
O3HS FOX-O3HS Datasheet
343Kb / 7P
   HCMOS 3.2x2.5mm SMD Oscillator
More results


Descripción similar - O3HK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fox Electronics
B3HD FOX-B3HD Datasheet
227Kb / 2P
   3.2x2.5mm 32.768kHz HCMOS TCXO/VCTCXO
O3HS FOX-O3HS Datasheet
343Kb / 7P
   HCMOS 3.2x2.5mm SMD Oscillator
O3HL FOX-O3HL Datasheet
242Kb / 3P
   HCMOS 3.2x2.5mm SMD Oscillator
F32K FOX-F32K Datasheet
128Kb / 2P
   HCMOS 32.768kHz SMD Oscillator
F316R-24.000 FOX-F316R-24.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
   HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F316R-12.288 FOX-F316R-12.288 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F330A FOX-F330A Datasheet
235Kb / 2P
   HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
   HCMOS 32.768kHz SMD Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
More results




Acerca de Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com