Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
Molex Electronics Ltd. |
1202530222
|
36Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 2mm Operating Distance, Embeddable, NPN, NO, 2m 3-wire PVC Cable, 50mm Housing Length
|
1202530225
|
35Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 2mm Operating Distance, Embeddable, PNP, NC, 2m 3-wire PVC Cable, 50mm Housing Length
|
1202530376
|
36Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 4mm Operating Distance, Embeddable, PNP, NO, 2m 3-wire PVC Cable, 50mm Housing Length
2/24/2022 |
1202530296
|
39Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 2mm Operating Distance, Embeddable, PNP, NO, 2m 3-wire PVC Cable, 35mm Housing Length
02/24/2022 |
1202530223
|
36Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 2mm Operating Distance, Embeddable, NPN, NC, 2m 3-wire PVC Cable, 50mm Housing Length
|
1202530232
|
36Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 4mm Operating Distance, Non-embeddable, PNP, NO, 2m 3-wire PVC Cable, 50mm Housing Length
|
1202530384
|
36Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 8mm Operating Distance, Non-embeddable, PNP, NO, 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022 |
1202530374
|
36Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 4mm Operating Distance, Embeddable, NPN, NO, 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022 |
1202530377
|
36Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 4mm Operating Distance, Embeddable, PNP, NC, 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022 |
1202530297
|
38Kb / 1P |
Contrinex Inductive Sensor, M12 Housing, 2mm Operating Distance, Embeddable, PNP, NC, 2m 3-wire PVC Cable, 35mm Housing Length
02/24/2022 |