Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX157DT Datasheet (PDF) - ON Semiconductor

MC74LCX157DT Datasheet PDF - ON Semiconductor
No. de pieza MC74LCX157DT
Descarga  MC74LCX157DT Descarga

Tamaño del archivo   145.16 Kbytes
Page   8 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER

MC74LCX157DT Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC74LCX157DT Datasheet PDF - ON Semiconductor

No. de pieza MC74LCX157DT
Descarga  MC74LCX157DT Click to download

Tamaño del archivo   145.16 Kbytes
Page   8 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER

MC74LCX157DT Datasheet (HTML) - ON Semiconductor

MC74LCX157DT Datasheet HTML 1Page - ON Semiconductor MC74LCX157DT Datasheet HTML 2Page - ON Semiconductor MC74LCX157DT Datasheet HTML 3Page - ON Semiconductor MC74LCX157DT Datasheet HTML 4Page - ON Semiconductor MC74LCX157DT Datasheet HTML 5Page - ON Semiconductor MC74LCX157DT Datasheet HTML 6Page - ON Semiconductor MC74LCX157DT Datasheet HTML 7Page - ON Semiconductor MC74LCX157DT Datasheet HTML 8Page - ON Semiconductor

MC74LCX157DT Detalles de producto

The MC74LCX157 is a high performance, quad 2−input multiplexer operating from a 2.3 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows MC74LCX157 inputs to be safely driven from 5 V devices.
   
Features
• Designed for 2.3 to 3.6 V VCC Operation
• 5 V Tolerant Inputs − Interface Capability With 5 V TTL Logic
• LVTTL Compatible
• LVCMOS Compatible
• 24 mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current (10 μA) Substantially Reduces
    System Power Requirements
• Latchup Performance Exceeds 500 mA
• ESD Performance: Human Body Model >2000 V
                                 Machine Model >200 V
• Pb−Free Packages are Available*
   




Número de pieza similar - MC74LCX157DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74LCX157DT MOTOROLA-MC74LCX157DT Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX157DT ONSEMI-MC74LCX157DT Datasheet
85Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
January, 2005 ??Rev. 4
MC74LCX157DTG ONSEMI-MC74LCX157DTG Datasheet
159Kb / 7P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 6
MC74LCX157DTR2 ONSEMI-MC74LCX157DTR2 Datasheet
85Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
January, 2005 ??Rev. 4
MC74LCX157DTR2G ONSEMI-MC74LCX157DTR2G Datasheet
159Kb / 7P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 6
More results


Descripción similar - MC74LCX157DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
MC74LCX257 ONSEMI-MC74LCX257 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
logo
Motorola, Inc
MC74LCX257 MOTOROLA-MC74LCX257 Datasheet
155Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
MC74LCX258 MOTOROLA-MC74LCX258 Datasheet
116Kb / 4P
   Low-Voltage CMOS Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74LCX157 ONSEMI-MC74LCX157_12 Datasheet
159Kb / 7P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 6
MC74LCX258 ONSEMI-MC74LCX258_12 Datasheet
134Kb / 10P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 8
MC74LCX257 ONSEMI-MC74LCX257_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
More results




Acerca de ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com