Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33164D-5G Datasheet (PDF) - ON Semiconductor

MC33164D-5G Datasheet PDF - ON Semiconductor
No. de pieza MC33164D-5G
Descarga  MC33164D-5G Descarga

Tamaño del archivo   139.75 Kbytes
Page   14 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos MICROPOWER UNDERVOLTAGE SENSING CIRCUITS

MC33164D-5G Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC33164D-5G Datasheet PDF - ON Semiconductor

No. de pieza MC33164D-5G
Descarga  MC33164D-5G Click to download

Tamaño del archivo   139.75 Kbytes
Page   14 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos MICROPOWER UNDERVOLTAGE SENSING CIRCUITS

MC33164D-5G Datasheet (HTML) - ON Semiconductor

Back Button MC33164D-5G Datasheet HTML 1Page - ON Semiconductor MC33164D-5G Datasheet HTML 2Page - ON Semiconductor MC33164D-5G Datasheet HTML 3Page - ON Semiconductor MC33164D-5G Datasheet HTML 4Page - ON Semiconductor MC33164D-5G Datasheet HTML 5Page - ON Semiconductor MC33164D-5G Datasheet HTML 6Page - ON Semiconductor MC33164D-5G Datasheet HTML 7Page - ON Semiconductor MC33164D-5G Datasheet HTML 8Page - ON Semiconductor MC33164D-5G Datasheet HTML 9Page - ON Semiconductor MC33164D-5G Datasheet HTML 10Page - ON Semiconductor Next Button 

MC33164D-5G Detalles de producto

The MC34164 series are undervoltage sensing circuits specifically designed for use as reset controllers in portable microprocessor based systems where extended battery life is required. These devices offer the designer an economical solution for low voltage detection with a single external resistor.

Features
• Temperature Compensated Reference
• Monitors 3.0 V (MC34164−3) or 5.0 V (MC34164−5) Power Supplies
• Precise Comparator Thresholds Guaranteed Over Temperature
• Comparator Hysteresis Prevents Erratic Reset
• Reset Output Capable of Sinking in Excess of 6.0 mA
• Internal Clamp Diode for Discharging Delay Capacitor
• Guaranteed Reset Operation With 1.0 V Input
• Extremely Low Standby Current: As Low as 9.0 A
• Economical TO−92 (TO−226AA), TSOP−5, SOIC−8 and Micro8
   Surface Mount Packages
• NCV Prefix for Automotive and Other Applications Requiring Site
   and Control Changes
• These Devices are Pb−Free and are RoHS Compliant




Número de pieza similar - MC33164D-5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33164D-5G ONSEMI-MC33164D-5G Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
More results


Descripción similar - MC33164D-5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results




Acerca de ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com