Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVCH16244ADGV-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVCH16244ADGV-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza 74LVCH16244ADGV-Q100
Descarga  74LVCH16244ADGV-Q100 Descarga

Tamaño del archivo   238.14 Kbytes
Page   13 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos 16-bit buffer/line driver; 5 V input/output tolerant; 3-state

74LVCH16244ADGV-Q100 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74LVCH16244ADGV-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza 74LVCH16244ADGV-Q100
Descarga  74LVCH16244ADGV-Q100 Click to download

Tamaño del archivo   238.14 Kbytes
Page   13 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos 16-bit buffer/line driver; 5 V input/output tolerant; 3-state

74LVCH16244ADGV-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button 74LVCH16244ADGV-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVCH16244ADGV-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVCH16244ADGV-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVCH16244ADGV-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVCH16244ADGV-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVCH16244ADGV-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVCH16244ADGV-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVCH16244ADGV-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVCH16244ADGV-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVCH16244ADGV-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

74LVCH16244ADGV-Q100 Detalles de producto

General description
The 74LVC16244A-Q100; 74LVCH16244A-Q100 are 16-bit non-inverting buffer/line drivers with 3-state bus compatible outputs. The device can be used as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer. It features four output enable inputs, (1OE to 4OE) each controlling four of the 3-state outputs. A HIGH on nOE causes the outputs to assume a high-impedance OFF-state.
Inputs can be driven from either 3.3 V or 5 V devices. When disabled, up to 5.5 V can be applied to the outputs. These features allow the use of these devices in mixed 3.3 V and 5 V applications.
The 74LVCH16244A-Q100 bus hold on data inputs eliminates the need for external pull-up resistors to hold unused inputs.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications.

Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
    • Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power consumption
• Multibyte flow-through standard pin-out architecture
• Low inductance multiple power and ground pins for minimum noise and ground bounce
• Direct interface with TTL levels
• High-impedance when VCC = 0 V
• All data inputs have bus hold. (74LVCH16244A-Q100 only)
• Complies with JEDEC standard:
    • JESD8-7A (1.65 V to 1.95 V)
    • JESD8-5A (2.3 V to 2.7 V)
    • JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
    • MIL-STD-883, method 3015 exceeds 2000 V
    • HBM JESD22-A114F exceeds 2000 V
    • MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)
    • CDM ANSI/ESDA/Jedec JS-002 exceeds 1000 V




Número de pieza similar - 74LVCH16244ADGV-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVCH16244ADGV NEXPERIA-74LVCH16244ADGV Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
Texas Instruments
74LVCH16244ADGVRE4 TI-74LVCH16244ADGVRE4 Datasheet
984Kb / 17P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Descripción similar - 74LVCH16244ADGV-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
74LVC32244A PHILIPS-74LVC32244A Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
74AVCH16244 PHILIPS-74AVCH16244_15 Datasheet
94Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
74AVC16244 PHILIPS-74AVC16244 Datasheet
79Kb / 16P
   16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com