Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OL3300N-05 Datasheet (PDF) - OKI electronic componets

OL3300N-05 Datasheet PDF - OKI electronic componets
No. de pieza OL3300N-05
Descarga  OL3300N-05 Descarga

Tamaño del archivo   53.14 Kbytes
Page   8 Pages
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets
Descripción Electrónicos Surface Mount Laser Diode Modules (1310 nm, 0.5 mW)

OL3300N-05 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
OL3300N-05 Datasheet PDF - OKI electronic componets

No. de pieza OL3300N-05
Descarga  OL3300N-05 Click to download

Tamaño del archivo   53.14 Kbytes
Page   8 Pages
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets
Descripción Electrónicos Surface Mount Laser Diode Modules (1310 nm, 0.5 mW)

OL3300N-05 Datasheet (HTML) - OKI electronic componets

OL3300N-05 Datasheet HTML 1Page - OKI electronic componets OL3300N-05 Datasheet HTML 2Page - OKI electronic componets OL3300N-05 Datasheet HTML 3Page - OKI electronic componets OL3300N-05 Datasheet HTML 4Page - OKI electronic componets OL3300N-05 Datasheet HTML 5Page - OKI electronic componets OL3300N-05 Datasheet HTML 6Page - OKI electronic componets OL3300N-05 Datasheet HTML 7Page - OKI electronic componets OL3300N-05 Datasheet HTML 8Page - OKI electronic componets

OL3300N-05 Detalles de producto

INTRODUCTION
Oki Semiconductor’s OL3300N-05/OL3301N-05 family of surface mount laser diode modules feature a 1.3-µm, InGaAsP/InP laser diode providing 1310-nm output at 0.5 mW. These low-cost laser diodes are available in 8-pin Mini-Dil packages, have a built-in monitor photodiode, and are coupled to singlemode fiber pigtails.

FEATURES
• InGaAsP/InP laser diode
• Fiber output: 1310-nm output at 0.5 mW
• 1.3-µm technology
• Single-mode fiber
• 8-pin Mini-Dil package
• Includes a photodiode for power monitoring

APPLICATION
• Optical transmission systems
• OL3301N-05: OC-48, 2.488 Gbps
• OL3300N-05: 622 Mbps
• Gigabit Ethernet
• Digital video systems
• LAN systems
• Optical measurement / OTDRs




Número de pieza similar - OL3300N-05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
OL3300W OKI-OL3300W Datasheet
24Kb / 3P
   1310 nm/1 mW SMT Laser Diode Module with Single Mode Fiber
More results


Descripción similar - OL3300N-05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unity Opto Technology
MCE-3E5B-002 UOT-MCE-3E5B-002 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
MCE-3E5B-012 UOT-MCE-3E5B-012 Datasheet
74Kb / 2P
   1310 nm LASER DIODE
MCE-3E5B-001 UOT-MCE-3E5B-001 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
logo
OKI electronic componet...
OL5300N-03 OKI-OL5300N-03 Datasheet
57Kb / 8P
   Surface Mount Laser Diode Module (1550 nm, 0.3 mW)
OL4121N-120 OKI-OL4121N-120 Datasheet
99Kb / 8P
   High-Power Laser Diode Butterfly Modules(1480 nm, 120 mW/140 mW)
OL3300W OKI-OL3300W Datasheet
24Kb / 3P
   1310 nm/1 mW SMT Laser Diode Module with Single Mode Fiber
logo
Optoway Technology Inc
FL-3340 OPTOWAY-FL-3340 Datasheet
92Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3300 OPTOWAY-FL-3300 Datasheet
101Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3300 OPTOWAY-FL-3300_09 Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3500 OPTOWAY-FL-3500 Datasheet
133Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com