Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
Molex Electronics Ltd. |
1041681620
|
35Kb / 2P |
microSD Combo Connector, 2.28mm Height, Push-Pull, Normal Mount, With Detect Switch, 8-Circuit Card Type
|
1042391430
|
49Kb / 1P |
microSD Combo Connector, 2.05mm Height, Pull-Lever Eject, Surface Mount, with Detect Switch, 8-Circuit microSD Card Type, 6-Circuit Nano-SIM Card Type
|
1041681616
|
43Kb / 2P |
microSD Combo Connector, 2.28mm Height, Push-Pull, Normal Mount, With Detect Switch, 8-Circuit Card Type, with Enhanced Anti-Buckling Terminal Design
|
0496191611
|
38Kb / 2P |
1.10mm/1.27mm Pitch microSD/SIM Card Combo Connector, 8-Pin microSD, Reverse Mount with Detect Switch, and 8-Pin SIM, Normal Mount, Right Entry Type
|
1040310811
|
32Kb / 2P |
1.10mm Pitch microSD Memory Card Connector, Surface Mount, Push-Pull Type,1.42mm Height, with Detect Switch
|
Kyocera Kinseki Corpota... |
5236
|
255Kb / 2P |
Normal mount & push-push eject type
|
Molex Electronics Ltd. |
0473340001
|
30Kb / 2P |
1.10mm Pitch microSD Card Connector, Push-Push Type, without Detect Switch, Lead-1.10mm Pitch microSD Card Connector, Push-Push Type, without Detect Switch, Lead-Free
|
5040771891
|
30Kb / 1P |
1.28mm Height Push-Pull microSD Card Socket, Surface Mount, 8 Circuits
|
5033981892
|
30Kb / 1P |
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type, 1.28mm Height
|
5031821832
|
54Kb / 1P |
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type, 1.45mm Height
|