Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6385 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N6385 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
No. de pieza 1N6385
Descarga  1N6385 Descarga

Tamaño del archivo   158.3 Kbytes
Page   2 Pages
Fabricante Electrónico  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Página de inicio  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Descripción Electrónicos GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

1N6385 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
1N6385 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

No. de pieza 1N6385
Descarga  1N6385 Click to download

Tamaño del archivo   158.3 Kbytes
Page   2 Pages
Fabricante Electrónico  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Página de inicio  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Descripción Electrónicos GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

1N6385 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.

1N6385 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 1N6385 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.

1N6385 Detalles de producto

STANDOFF VOLTAGE- 5.0 to 45.0V
1500 Watt Peak Power

FEATURES
• Plastic package has Underwriters Laboratory Flammability Classification 94V-O
• Glass passivated chip junction in Molded Plastic package
• 1500W surge capability at 1ms
• Excellent clamping capability
• Lowzener inpedance
• Fast response time: typically less than 1.0 ps from 0 volts to BV min.
• Typical IR less than 1uA above 10V
• High temperature soldering guaranteed: 250°C/10 seconds/
    .375", (9.5mm) lead length, Slbs., (2.3kg) tension
• Includes 1N6373 thru 1N6385ICTE-5




Número de pieza similar - 1N6385

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
1N6385 ETC-1N6385 Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
logo
New Jersey Semi-Conduct...
1N6385 NJSEMI-1N6385 Datasheet
108Kb / 2P
   TRANSZORB Transient Voltage Suppressors
logo
Motorola, Inc
1N6385 MOTOROLA-1N6385 Datasheet
50Kb / 6P
   Zener Transient Voltage Suppressors Unidirectional and Bidirectional
logo
List of Unclassifed Man...
1N6385 ETC2-1N6385 Datasheet
303Kb / 3P
   Transient Voltage Suppressor
logo
Vishay Siliconix
1N6385 VISHAY-1N6385 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
More results


Descripción similar - 1N6385

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com