Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ALS30A473DF025 Datasheet (PDF) - Kemet Corporation

ALS30A473DF025 Datasheet PDF - Kemet Corporation
No. de pieza ALS30A473DF025
Descarga  ALS30A473DF025 Descarga

Tamaño del archivo   74.72 Kbytes
Page   1 Pages
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation
Descripción Electrónicos Aluminum Electrolytic, 85C, ALS30, 0.047 F, 20%, 25 V, -40/85C

ALS30A473DF025 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ALS30A473DF025 Datasheet PDF - Kemet Corporation

No. de pieza ALS30A473DF025
Descarga  ALS30A473DF025 Click to download

Tamaño del archivo   74.72 Kbytes
Page   1 Pages
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation
Descripción Electrónicos Aluminum Electrolytic, 85C, ALS30, 0.047 F, 20%, 25 V, -40/85C

ALS30A473DF025 Datasheet (HTML) - Kemet Corporation

ALS30A473DF025 Datasheet HTML 1Page - Kemet Corporation

ALS30A473DF025 Detalles de producto

Overview
KEMETs ALS30/31 Series of screw terminal capacitors covers a wide range of case sizes and voltage ratings featuring high ripple currents and long-life performance. They are ideally suited for industrial and commercial applications demanding high reliability and long-life expectancy such as frequency converters, uninterruptible power supply (UPS) systems and switch mode power supplies (SMPS).

Benefits
•  Compact size
•  Long life, up to 20,000 hours at +85°C (VR, IR applied)
•  High ripple current
•  Excellent surge voltage capability
•  Optimized designs available upon request

Applications
   Typical applications for KEMETs ALS30/31 Series of capacitors include smoothing, energy storage or pulse operation in telecommunication demanding power supplies, process control, AC motor control, traction, welding, and measuring.




Número de pieza similar - ALS30A473DF025

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
ALS30A473KE040 KEMET-ALS30A473KE040 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, ALS30, 0.047 F, 20%, 40 V, -40/85C
ALS30A473MF063 KEMET-ALS30A473MF063 Datasheet
75Kb / 1P
   Aluminum Electrolytic, 85C, ALS30, 0.047 F, 20%, 63 V, -40/85C
ALS30A473NP100 KEMET-ALS30A473NP100 Datasheet
74Kb / 1P
   ALS30, Aluminum Electrolytic, 85C, 0.047 F, 20%, 100 V, -40/85C
More results


Descripción similar - ALS30A473DF025

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
ALS30A473KE040 KEMET-ALS30A473KE040 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, ALS30, 0.047 F, 20%, 40 V, -40/85C
ALS30A473MF063 KEMET-ALS30A473MF063 Datasheet
75Kb / 1P
   Aluminum Electrolytic, 85C, ALS30, 0.047 F, 20%, 63 V, -40/85C
ALS30A473NP100 KEMET-ALS30A473NP100 Datasheet
74Kb / 1P
   ALS30, Aluminum Electrolytic, 85C, 0.047 F, 20%, 100 V, -40/85C
ALS30A223DB025 KEMET-ALS30A223DB025 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, ALS30, 0.022 F, 20%, 25 V, -40/85C
ALS30A224NP040 KEMET-ALS30A224NP040 Datasheet
74Kb / 1P
   ALS30, Aluminum Electrolytic, 85C, 0.22 F, 20%, 40 V, -40/85C
ALS30A223DE040 KEMET-ALS30A223DE040 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, ALS30, 0.022 F, 20%, 40 V, -40/85C
ALS30A103DA040 KEMET-ALS30A103DA040 Datasheet
74Kb / 1P
   ALS30, Aluminum Electrolytic, 85C, 0.01 F, 20%, 40 V, -40/85C
ALS30A104MF040 KEMET-ALS30A104MF040 Datasheet
74Kb / 1P
   ALS30, Aluminum Electrolytic, 85C, 0.1 F, 20%, 40 V, -40/85C
ALS30A154NF040 KEMET-ALS30A154NF040 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, ALS30, 0.15 F, 20%, 40 V, -40/85C
ALS30A103NF200 KEMET-ALS30A103NF200 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, ALS30, 0.01 F, 20%, 200 V, -40/85C
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com