Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2305994 Datasheet (PDF) - PHOENIX CONTACT

2305994 Datasheet PDF - PHOENIX CONTACT
No. de pieza 2305994
Descarga  2305994 Descarga

Tamaño del archivo   53.81 Kbytes
Page   6 Pages
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Descripción Electrónicos Assembled halogen-free round cable, with two 14-pos. socket strips (1:1 connection), to transfer 8 channels, for example. Halogen-free refers exclusively to the 14-pos. cable. Length of cable: 2.5 m

2305994 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
2305994 Datasheet PDF - PHOENIX CONTACT

No. de pieza 2305994
Descarga  2305994 Click to download

Tamaño del archivo   53.81 Kbytes
Page   6 Pages
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Descripción Electrónicos Assembled halogen-free round cable, with two 14-pos. socket strips (1:1 connection), to transfer 8 channels, for example. Halogen-free refers exclusively to the 14-pos. cable. Length of cable: 2.5 m

2305994 Datasheet (HTML) - PHOENIX CONTACT

2305994 Datasheet HTML 1Page - PHOENIX CONTACT 2305994 Datasheet HTML 2Page - PHOENIX CONTACT 2305994 Datasheet HTML 3Page - PHOENIX CONTACT 2305994 Datasheet HTML 4Page - PHOENIX CONTACT 2305994 Datasheet HTML 5Page - PHOENIX CONTACT 2305994 Datasheet HTML 6Page - PHOENIX CONTACT



Número de pieza similar - 2305994

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2305907 PHOENIX-2305907 Datasheet
53Kb / 3P
   Round cable assembled with a 50-pos. socket strip and an open end. On the open end, the wires are labeled with 1 to 50 and have ferrules, cable length: 8 m
2305910 PHOENIX-2305910 Datasheet
53Kb / 3P
   Round cable assembled with a 50-pos. socket strip and an open end. On the open end, the wires are labeled with 1 to 50 and have ferrules, cable length: 10 m
logo
Toshiba Semiconductor
23059129 TOSHIBA-23059129 Datasheet
4Mb / 34P
   Projection Television
2005
23059224 TOSHIBA-23059224 Datasheet
5Mb / 43P
   LCD Color Television
2005
23059224 TOSHIBA-23059224 Datasheet
6Mb / 43P
   LCD Color Television
2005
More results


Descripción similar - 2305994

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2314244 PHOENIX-2314244 Datasheet
52Kb / 5P
   Assembled halogen-free round cable, with two 50-pos. socket strips (1:1 connection), for connecting 32 channels.
2314192 PHOENIX-2314192 Datasheet
52Kb / 5P
   Assembled halogen-free round cable, with two 50-pos.
2314176 PHOENIX-2314176 Datasheet
53Kb / 5P
   Assembled halogen-free round cable, with two 50-pos.
2314163 PHOENIX-2314163 Datasheet
51Kb / 4P
   Assembled halogen-free round cable, with two 50-pos.
2314147 PHOENIX-2314147 Datasheet
51Kb / 4P
   Assembled halogen-free round cable, with two 50-pos.
2314231 PHOENIX-2314231 Datasheet
52Kb / 5P
   Assembled halogen-free round cable, with two 50-pos.
2314150 PHOENIX-2314150 Datasheet
51Kb / 4P
   Assembled halogen-free round cable, with two 50-pos.
2314202 PHOENIX-2314202 Datasheet
53Kb / 5P
   Assembled halogen-free round cable, with two 50-pos.
2314189 PHOENIX-2314189 Datasheet
53Kb / 5P
   Assembled halogen-free round cable, with two 50-pos.
2322786 PHOENIX-2322786 Datasheet
47Kb / 3P
   Assembled round cable with two molded 40-pos. socket strips (1:1 connection). Cable length: 1.0 m
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com