Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTE742 Datasheet (PDF) - NTE Electronics

NTE742 Datasheet PDF - NTE Electronics
No. de pieza NTE742
Descarga  NTE742 Descarga

Tamaño del archivo   25.18 Kbytes
Page   3 Pages
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics
Descripción Electrónicos Integrated Circuit TV Sound Channel, 2W

NTE742 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
NTE742 Datasheet PDF - NTE Electronics

No. de pieza NTE742
Descarga  NTE742 Click to download

Tamaño del archivo   25.18 Kbytes
Page   3 Pages
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics
Descripción Electrónicos Integrated Circuit TV Sound Channel, 2W

NTE742 Datasheet (HTML) - NTE Electronics

NTE742 Datasheet HTML 1Page - NTE Electronics NTE742 Datasheet HTML 2Page - NTE Electronics NTE742 Datasheet HTML 3Page - NTE Electronics

NTE742 Detalles de producto

Description:
The NTE742 is designed for use as the entire sound function in television receivers or FM table radios. The NTE742 sound channel will directly drive a 16 ohm speaker with more than 2 watts output. This monolithic integrated circuit will operate from a single 18V to 28V power supply and can also function (with reduced power output) with supplies as low as 12V if additional decoupling is provided.
The NTE742 is supplied in an improved 16–lead plastic dual in–line package with heat–sink contact tabs. A copper alloy lead frame allows maximum power dissipation with standard cooling methods. The unique lead configuration allows easy attachment of a heat sink and yet permits the use of a standard IC socket or printed wiring board layout.

Features:
● Low limiting Threshold
● Low External Parts Count
● Wide Operating Voltage Range
● 70dB Limiter Gain
● Automatic Thermal Shutdown
● Output Current Limiting
● Ripple Rejection Greater Than 20dB




Número de pieza similar - NTE742

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE7420 NTE-NTE7420 Datasheet
52Kb / 1P
   INTEGRATED CIRCUITS-TTL
NTE7421 NTE-NTE7421 Datasheet
52Kb / 1P
   INTEGRATED CIRCUITS-TTL
NTE7422 NTE-NTE7422 Datasheet
52Kb / 1P
   INTEGRATED CIRCUITS-TTL
NTE7423 NTE-NTE7423 Datasheet
52Kb / 1P
   INTEGRATED CIRCUITS-TTL
More results


Descripción similar - NTE742

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE826 NTE-NTE826 Datasheet
20Kb / 2P
   Integrated Circuit TV Sound System, 2W
NTE807 NTE-NTE807 Datasheet
20Kb / 3P
   Integrated Circuit TV Sound Channel, 1W
NTE748 NTE-NTE748 Datasheet
23Kb / 2P
   Integrated Circuit TV Sound Circuit
NTE1231 NTE-NTE1231 Datasheet
29Kb / 3P
   Integrated Circuit Complete 4 Watt TV Sound Channel
NTE1633 NTE-NTE1633 Datasheet
29Kb / 4P
   Integrated Circuit TV Sound Channel w/DC Controls
NTE1800 NTE-NTE1800 Datasheet
23Kb / 3P
   Integrated Circuit TV Multiplex Sound Decoder
NTE1236 NTE-NTE1236 Datasheet
80Kb / 3P
   Integrated Circuit TV Sound IF System
NTE709 NTE-NTE709 Datasheet
24Kb / 3P
   Integrated Circuit TV/FM Sound IF Amplifier
NTE712 NTE-NTE712 Datasheet
25Kb / 3P
   Integrated Circuit TV/FM Sound IF Detector
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com