Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
PHOENIX CONTACT |
1424369
|
69Kb / 3P |
Box mounting bases D15, with single locking latch, material: Die-cast aluminum, salt water resistant
|
1424371
|
68Kb / 3P |
Box mounting bases D15, with single locking latch, material: Die-cast aluminum, salt water resistant
|
1424363
|
71Kb / 3P |
Panel mounting base D15, with single locking latch, material: Die-cast aluminum, salt water resistant
|
1424366
|
69Kb / 3P |
Box mounting bases D15, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 52 mm, cable gland: none, support sleeve: no, 2x Pg16, Standard
|
1424367
|
69Kb / 3P |
Box mounting bases D15, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 52 mm, cable gland: none, support sleeve: no, 2x Pg21, Standard
|
1424393
|
69Kb / 3P |
Box mounting bases D25, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 57 mm, cable gland: none, support sleeve: no, 2x M25, Standard
|
1424394
|
68Kb / 3P |
Box mounting bases D25, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 57 mm, cable gland: none, support sleeve: no, 2x Pg16, Standard
|
1424392
|
69Kb / 3P |
Box mounting bases D25, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 57 mm, cable gland: none, support sleeve: no, 2x M20, Standard
|
1424413
|
67Kb / 3P |
Box mounting bases D50, with double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 82 mm, cable gland: none, support sleeve: no, 2x M25, Standard
|
1424416
|
68Kb / 3P |
Box mounting bases D50, with double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 82 mm, cable gland: Pg29, support sleeve: yes, 2x Pg29, Standard
|
|