Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
PHOENIX CONTACT |
CRIMPFOX-LC-AI-6
|
50Kb / 2P |
Crimp insert, for ferrules, 0.25, - 6.0 mm짼
|
CRIMPFOX-LC-AI-25
|
92Kb / 3P |
Crimp insert, for ferrules, application area: 10 - 25 mm짼, square crimp form
|
CF-500DIE-AI-50
|
45Kb / 2P |
Die for crimping machine CF 500, for ferrules (A... and AI...) 35 and 50 mm짼
|
CRIMPFOX-C120-AI-50
|
46Kb / 2P |
Die (lower part), for CRIMPFOX-C120, for ferrules (DIN 46228) 50 mm짼, trapeze crimp
|
CRIMPFOX-LC-UR-10
|
51Kb / 2P |
Crimp insert for tube lugs, 4.0 - 10.0 mm짼
|
CRIMPFOX-LC-UR-2
|
51Kb / 2P |
Crimp insert for tube lugs, 0.75 - 2.5 mm짼
|
CRIMPFOX-C120-AI-70
|
46Kb / 2P |
Die (upper part), for CRIMPFOX-C120, for ferrules (DIN 46228) 70 mm짼, trapeze crimp
|
CRIMPFOX-C120-AI-95
|
46Kb / 2P |
Die (upper part), for CRIMPFOX-C120, for ferrules (DIN 46228) 95 mm짼, trapeze crimp
|
CRIMPFOX-16-S
|
46Kb / 2P |
Crimping pliers for ferrules up to 16 mm짼
|
CRIMPFOX-C50-RCT-35-1
|
47Kb / 2P |
Die (pair), for CRIMPFOX-C50, for copper tube lug 35 mm짼, WM crimp
|